PART |
Description |
Maker |
87568-1663 87568-4444 87568-2244 87568-3443 87568- |
MGrid IDT Rec /OPolKeyLRmp .38AuLF 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .38AuLF 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 40Ckt 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKeyLRmp .76AuLF 50Ckt
|
Molex, Inc. MOLEX INC
|
87368-3425 87368-3225 87368-3825 87368-3424 87368- |
MGrid Rec S/E SMT D.R. .76AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 38Ckt 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 34POS 2MM SMD GOLD 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .38AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 42POS 2MM SMD GOLD 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 873681025 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
71979-0215 71979-0210 71979-0213 71979-1909 71979- |
CGrid SMT RA Erly Rec DR 15 SAu 30Ckt 30 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 20Ckt 20 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 26Ckt 26 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 30 SAu 18Ckt 18 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 22Ckt 22 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 24Ckt 24 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 50Ckt 50 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 48 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 56 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
CXA1202Q-Z CXA1202R |
REC/PB Amplifier for VCR
|
SONY[Sony Corporation]
|
TA8155 TA8155F TA8155FN E003708 TA81B5B5F TA81B5B5 |
From old datasheet system REC / PB SYSTEM DUAL PRE-AMPLIFIER (1.5 / 3V USE) REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
|
TOSHIBA[Toshiba Semiconductor]
|
L601S0367 L601F0767 L601S0767 |
CCIR REC.601 FILTERS
|
Faraday Technology
|
CXA1702AR |
4-channel REC/PB Amplifier for 8 mm VCR
|
SONY[Sony Corporation]
|
0500398000 |
2.5 WATERPROOF CONN CRIMP REC
|
Weidmuller
|
1N5408-TP |
DIODE STD REC 3A 1000V DO201AD
|
MICRO COMMERCIAL COMPONENTS
|
|