PART |
Description |
Maker |
S3C2510A |
16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
SN8P2714 |
(SN8P2714 / SN8P2715) 8-bit micro-controller build-in 12-bit ADC
|
Sonix
|
MB91108 E716305 MB91108PFV MB91107 MB91107PFV |
32-bit RISC Microcontroller CMOS From old datasheet system Micro controller 32-Bit FR Family
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB91F128 MB91F128PFV MB91F127 MB91F127PFV |
32-Bit Microcontroller CMOS Micro controller 32-Bit FR Family
|
FUJITSU[Fujitsu Media Devices Limited]
|
LPC2478 LPC2478FBD208 LPC2478FET208 |
Single-chip 16-bit/32-bit micro; 512 kB flash, ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
|
NXP Semiconductors
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
LPC245811 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
|
NXP Semiconductors
|
1PK-501A 1PK-501C 1PK-501B 1PK-501D 1PK-501E |
PLIERS MICRO CUTTING 90MM PLIERS MICRO BENT NOSE 100MM PLIERS MICRO FLAT NOSE 100MM PLIERS MICRO ROUND NOSE 100MM PLIERS MICRO LONG NOSE 100MM 钳微大鼻00万亿
|
Kingbright, Corp.
|
LPC2478FET208551 LPC247808 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface, SOT950-1 (TFBGA208), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA208
|
NXP Semiconductors N.V.
|
MDT10C55B1S MDT10C55B MDT10C55B1P MDT10C55B2P MDT1 |
8-bit micro-controller
|
Micon Design Technology Corporation
|
SN8P2614 |
8-Bit Micro-Controller
|
SONiX Technology Company
|