PART |
Description |
Maker |
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
ATTINY13 |
1-Kbyte In-System programmable Flash Program Memory, 64-Byte SRAM, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 16 MIPS throughput at 16 MHz, 5 Volts. 1.8 - 5.5 Volt Operation.
|
Atmel
|
IDT5T9891 IDT5T9891NLI IDT5T9891NLI8 |
EEPROM Programmable 2.5V Programmable Skew PLL Differential Clock Driver
|
IDT
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX688405 MAX6885ETP MAX6884ETP-T |
EEPROM-Programmable, Hex Power-Supply Supervisory Circuits EEPROM-Programmable, Hex, Power-Supply Supervisors with an ADC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, QCC20
|
Maxim Integrated Products, Inc.
|
IS23SC4418 IS23SC4428 |
1024 x 8 Bits of EEPROM With Programmable Write Protection For Each Byte.(1024 x 8位,每个字节带可编程写保护的EEPROM) 1024 × 8位的EEPROM,具有可编程写保护每个字节。(1024 × 8位,每个字节带可编程写保护的EEPROM中) 1024 x 8 Bits of EEPROM With Programmable Write Protection For Each Byte And Two Bytes of Programmable Security Code(1024 x 8位,每个字节带可编程写保护,2字节可编程安全密码的EEPROM) 1024 × 8位的EEPROM,具有可编程写保护对于每一个字节,两个字节可编程保障法024 × 8位,每个字节带可编程写保护,2字节可编程安全密码的EEPROM中)
|
GTM, Corp. Integrated Silicon Solution, Inc.
|
EDI7F433512C100BNC EDI7F33512C100BNC EDI7F233512C1 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 40-PDIP AMD的闪存模 EEPROM EEPROM CMOS Programmable Interval Timer; Temperature Range: 0°C to 70°C; Package: 24-PDIP EEPROM
|
Carlo Gavazzi
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AT25DF02109 AT25DF021-SH-B AT25DF021-SH-T AT25DF02 |
IC FLASH MEM 2MB SPI SER 8UDFN 2M X 1 SPI BUS SERIAL EEPROM, DSO8 2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|