PART |
Description |
Maker |
AD5555CRU AD5555CRU-REEL7 AD5545 AD5545BRU-REEL7 A |
Precision DUAL 16-Bit 14-Bit-DACs in Compact TSSOP Packages Dual/ Current-Output/ Serial-Input/ 16-/14-Bit DAC Dual, Current-Output, Serial-Input, 16-/14-Bit DAC SERIAL INPUT LOADING, 0.5 us SETTLING TIME, 14-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5544 AD5544ARS AD5554 AD5554BRS 2602 |
From old datasheet system Quad/ Current-Output Serial-Input/ 16-Bit/14-Bit DACs Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs Precision QUAD 16-Bit DAC
|
AD[Analog Devices]
|
AD5556CRU AD5556CRU-REEL7 AD5546 AD5546BRU AD5546B |
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Current Output Parallel Input 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Current-Output Parallel-Input, 14-Bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
MAX5853 MAX5853ETL |
Dual, 10-Bit, 80Msps, Current-Output DAC 2.7 V to 3.6 V, Dual, 10-bit, 80 Msps, current-output DAC
|
MAXIM - Dallas Semiconductor
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
AN6701S AN6701 |
Switch Mode Power Supply; Output Power:1512W; No. of Outputs:1; Output 1 VDC :360VDC; Output Current 1:4.2A; Power Supply Mounting:PC Board; Leaded Process Compatible:Yes; Output Current:4.2A; Output Power Max:1512W RoHS Compliant: Yes 温度传感器IC Temperature Sensor IC
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
MAX5852ETL MAX5852 |
Dual, 8-Bit, 165Msps, Current-Output DAC
|
MAXIM[Maxim Integrated Products]
|
MAX5854 MAX5853 MAX5854ETL MAX5851 MAX5852 |
Dual, 10-Bit, 165Msps, Current-Output DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX518110 MAX5184BEEG |
10-Bit, 40MHz, Current/Voltage-Output DACs
|
Maxim Integrated Products Maxim Integrated Produc...
|