PART |
Description |
Maker |
DC934AF |
LTC2607 16-Bit Dual Rail-to-Rail DAC with I2C Interface
|
Linear Technology
|
MAX5258 MAX5258EEE MAX5259EEE |
3V/ 5V / Low-Power / 8-Bit Octal DACs with Rail-to-Rail Output Buffers
|
Maxim
|
LTC2625 LTC2605 LTC2615 LTC2605CGN LTC2605CGN-1 LT |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
LINER[Linear Technology]
|
LTC2605CGN-1 LTC2605IGN-1 LTC2615CGN-1 LTC2615IGN- |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology Corporation
|
P521-29 P521-29DC |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 40°C to 85°C Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-QFN; Temperature Range: 40°C to 85°C
|
PhaseLink Corporation
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
LTC2616CDD-1TRPBF LTC2616CDDTRPBF LTC2616CDDPBF LT |
14-Bit Rail-to-Rail DACs with I2C Interface; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO10 16-Bit Rail-to-Rail DACs with I2C Interface; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO10 16-Bit Rail-to-Rail DACs with I2C Interface; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO10
|
Linear Technology, Corp.
|
AD5629R |
Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/°C On-Chip Reference
|
Analog Devices
|
MAX530BCAGT MAX520ACWE MAX531ACSDT MAX5184ETG MAX5 |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO24 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs QUAD, SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDSO16 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 10-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 0.025 us SETTLING TIME, 10-BIT DAC, QCC24 5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDIP24 2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDIP8 8-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, 8 BITS INPUT LOADING, 0.025 us SETTLING TIME, 8-BIT DAC, PDSO24 Low-Power, Serial, 12-Bit DACs with Force-Sense Voltage-Output SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO16 Octal, Serial, 8-Bit DAC with Output Buffers OCTAL, SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO24 QUAD, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE QUAD, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
74ABT373 74ABT373CMSA 74ABT373CMTC 74ABT373CPC 74A |
Octal Transparent Latch with 3-STATE Outputs ABT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators ABT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system
|
Fairchild Semiconductor, Corp.
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
|