PART |
Description |
Maker |
03-12-2021 |
3.18mm Diameter, HCS125, Pin and Socket Plug Housing, Single Row, without Panel and without Panel Mount Ears
|
Molex Electronics Ltd.
|
0900740002 0904770007 |
SOCKET PANEL 2 WAY PLUG PANEL 7 WAY 插头面板7未来
|
KEMET Corporation
|
EAOPT-OPTO16 EADISK320 EAKIT320-8LWTP EAOPT-935V E |
5,7 LCD CONTROL PANEL WITH TOUCH PANEL
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
39-01-2141 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-2, Panel Mount, 14 Circuits
|
Molex Electronics Ltd.
|
5559-08P-210 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 8 Circuits
|
Molex Electronics Ltd.
|
TPC-1260 TPC-1261H TPC-1270H TPC-1270H-P1E TPC-127 |
IntelPentiumM/CeleronM Touch Panel Computer with 12.1 英特尔奔腾㈢㈢男/赛扬㈢M触摸屏计算机12.1 Intel??Pentium??M/Celeron??M Touch Panel Computer with 12.1
|
Electronic Theatre Controls, Inc.
|
PICOD PICOD-111-AK PICOD-111-AL PICOD-111-AL_D PIC |
Pushwheel Switches, Subminiature, Panel Mount, Dual Button THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BCD COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BINARY CODED DECIMAL, 0.02A, 20VDC, PANEL MOUNT
|
Tyco Electronics IXYS, Corp.
|
0040062015 040-06-2015 |
Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050) Panel Thickness Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050") Panel Thickness MOLEX Connector
|
Molex Electronics Ltd.
|
PA025XSB |
TFT LCD Panel This technical specification applies to 2.5inch color TFT-LCD panel.
|
PRIME VIEW AZ Displays, Inc.
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
72913-0 72912-0 5931-0 3265 3261 |
Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, solder tab, black INTERCONNECTION DEVICE Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, threaded stud, black INTERCONNECTION DEVICE Banana Jack; For Use With:Pomona Types 5907A, 5908A, 5909A Sheathed DMM Test Leads; Insulator Material:Nylon; Mounting Type:Panel; Panel Thickness Max:0.28" RoHS Compliant: Yes INTERCONNECTION DEVICE Connector RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
|