PART |
Description |
Maker |
262-130122-A-R 221-130122-A-R 223-122810-A-R 265-2 |
ROTARY SWITCH-12POSITIONS, DP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 3P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 5P11T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-6POSITIONS, 5P6T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 5P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 4P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, 6P8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-5POSITIONS, 3P5T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-8POSITIONS, DP8T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-12POSITIONS, 3P12T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-10POSITIONS, 3P10T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 3P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-9POSITIONS, 7P9T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-15POSITIONS, DP15T, LATCHED, 5A, 28VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, 7P11T, LATCHED, 5A, 28VDC, PANEL MOUNT
|
COLE INSTRUMENT CORP
|
EDM35V1D41 |
Panel Meters and Controllers Panel Meter Modular
|
List of Unclassifed Manufacturers ETC[ETC]
|
L675 |
PANEL FUSEHOLDER BARRIER & PANEL SEALED
|
List of Unclassifed Manufacturers
|
C1860-105-CPS C1836-110-CPS C1836-108-CPS C1836-20 |
ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
COLE INSTRUMENT CORP
|
5559-08P-210 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 8 Circuits
|
Molex Electronics Ltd.
|
LV4124W |
Single-chip LCD panel driver IC (Supports the ALP202 LCD panel)
|
Sanyo Semicon Device
|
U025001PM |
USB 2.0 Hi-Speed Panel Mount Extension Cable (B to Panel Mount B M-F), 1-ft
|
Tripp Lite. All Rights ...
|
PICOD PICOD-111-AK PICOD-111-AL PICOD-111-AL_D PIC |
Pushwheel Switches, Subminiature, Panel Mount, Dual Button THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BCD COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BINARY CODED DECIMAL, 0.02A, 20VDC, PANEL MOUNT
|
Tyco Electronics IXYS, Corp.
|
26-7552-100-TE 26-7552-110-TE 26-7552-120-TE 26-75 |
FIBER OPTIC TRANSMITTER, 980-982nm, PANEL MOUNT, BUTTERFLY Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking FIBER OPTIC TRANSMITTER, 975-977nm, PANEL MOUNT, BUTTERFLY FIBER OPTIC TRANSMITTER, 970-985nm, PANEL MOUNT, BUTTERFLY
|
http:// JDS Uniphase Corporation
|
0040062015 040-06-2015 |
Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050) Panel Thickness Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050") Panel Thickness MOLEX Connector
|
Molex Electronics Ltd.
|
|