PART |
Description |
Maker |
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LRC12JTRDAR010 LRC10JTRDAR010 LRC06JTRDAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd. Token Electronics Indus...
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
KPY32-RK Q62705-K266 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Current, It av:6A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
GBPC25005W GBPC25010W GBPC2508W GBPC2501W GBPC2502 |
HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 18-A, 5-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
|
Surge Components PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TS5204CY50 TS5204 TS5204CX TS5204CX1.8 TS5204CX18 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 150mA Low Noise LDO Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] http://
|
STK10C68-L45M STK10C68-L55M |
NVRAM (EEPROM Based) Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
MAX3311 MAX3311CUB MAX3311EUB MAX3311-MAX3313 MAX3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX LINE TRANSCEIVER, PDSO10 Quad LVDS Receiver with -4 to 5V Common-mode Range 16-TSSOP -40 to 85 Dual LVDS Receiver with -4 to 5V Common-mode Range 8-SOIC -40 to 85 460kbps, 1μA Supply Current, RS-232-Compatible Transceivers in μMAX 460kbps, 1A Supply Current, RS-232-Compatible Transceivers in MAX " 460kbps, 1?A Supply Current, RS-232-Compatible Transceivers in ?MAX" 460kbps 1A Supply Current RS-232-Compatible Transceivers in MAX 460KBPS, 1ヌA SUPPLY CURRENT, RS-232-COMPATIBLE TRANSCEIVERS IN ヌMAX 460kbps, 1レA Supply Current, RS-232-Compatible Transceivers in レMAX 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX 460kbps / 1A Supply Current / RS-232-Compatible Transceivers in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MP5018 |
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
|
Monolithic Power System...
|
XL6003 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|