PART |
Description |
Maker |
TPV-W5 |
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
|
Toppower Electronic Tec...
|
SW1 SW115S12EHISMF SW115D12EHISMF SW115S15EHISMF S |
1W High Isolation 3kVdc Surface Mount DC-DC Converter
|
Superworld Electronics
|
MEV1S1512SC MEV1S2415SC MEV1S4809SC MEV1S1215SC ME |
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
TKA1205SA-W25 TKA1205DA-W25 TKA1209DA-W25 TKA2405D |
0.25W 3KVDC Isolated Miniature Single Output DC/DC Converters
|
Toppower Electronic Tec...
|
TPAT1205-W2 TPAT1209-W2 TPAT1203-W2 |
0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
|
Toppower Electronic Tec...
|
SW105S05HIMSMF SW105S12HIMSMF SW105S15HIMSMF SW105 |
0.75W High Isolation 3kVdc Surface Mount DC-DC Converter
|
Superworld Electronics
|
BCX69 BCX69-25 BCX69-16 BCX6916 |
Obsolete PNP SILICON PLANAR MEDIUM POWER TRANSISTOR ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
ZETEX[Zetex Semiconductors] ZETEX PLC
|
Q60203-Y66 BCY66 |
NPN Silicon Planar Transistor ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
REC15-XX12SZ/H/M REC15-XX3.4S/H/M REC15-XX3.4SZ/H/ |
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1 package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications. The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1?package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
|
Recom International Power Recom International Pow...
|
LANE512NDH2 LANE512NH2 LANE515NDH2 LANE515NH2 LANE |
3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
|
Wall Industries,Inc.
|
TPAT TPAT0309 TPAT0312 TPAT0505 TPAT1203 TPAT1215 |
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
|
Toppower Electronic Tec...
|