PART |
Description |
Maker |
MAX17079 |
4-Level Or 2-Level Logic To High-Voltage Level Shifter
|
Maxim Integrated Products
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PMV45EN PMV45EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET mTrenchMOS enhanced logic level FET From old datasheet system mTrenchMOSTM enhanced logic level FET
|
NXP Semiconductors N.V. Philips
|
T1210T-6I |
Entry level Snubberless? logic level and standard 12 A TRIACs
|
STMicroelectronics
|
HD66732 |
Graphics Liquid Crystal Display Controller/Driver Supporting JIS Level-1 and Level-2 Kanji ROM(图形LCD控制驱动
|
Hitachi,Ltd.
|
BT136M BT136M-500E BT136M-600E BT136M-800E BT136S- |
Transient Voltage Suppressor Diodes 双向敏感 Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE: ZENER 5.6V DUAL COMMON ANODE Triacs sensitive gate
|
NXP Semiconductors N.V. Philips Semiconductors
|
HD74ALVC166245A |
Standard IC>General-Purpose Logics>Level Shifter>High Speed Level Shifter
|
Renesas
|
PMV45EN |
N-channel TrenchMOS logic level FET Logic-level compatible Very fast switching
|
TY Semiconductor Co., Ltd
|
BT136-500D BT136-600D BT136SERIESD |
Triacs logic level 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V. Philips Semiconductors
|
BT169D BT169DW BT169BW BT169GW BT169W BT169EW BT16 |
Thyristors logic level(可控硅逻辑电平) 1 A, 600 V, SCR Thyristor logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BUK7524-55A BUK7624-55A BUK7624-55A118 |
TrenchMOS(tm) standard level FET TrenchMOS TM standard level FET TrenchMOS standard level FET 47 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|