PART |
Description |
Maker |
RN114-4/02 RN114-0.3/02 RN114-0.5/02 RN114-2/02 RN |
CHOKE 1.5MH 4A DROSSEL NETZ PCB 47MH 0.3A CHOKE 39MH 0.5A DROSSEL NETZ PCB 4.2MH 2.0A DROSSEL NETZ PCB 27MH 0.8A CHOKE 15MH 1A CHOKE 3.9MH 4A CHOKE 2MH 3A CHOKE 10MH 1.2A DROSSEL NETZ PCB 3MH 1A DROSSEL NETZ PCB 5.6MH 2.5A CHOKE 5.6MH 2.5A DROSSEL NETZ PCB 4.3MH 1.5A DROSSEL NETZ PCB 3.3MH 1.5A CHOKE 6.8MH 2.0A DROSSEL NETZ PCB 6.8MH 2.0A CHOKE 6.8MH 1.5A DROSSEL NETZ PCB 6.8MH 1.2A CHOKE 6.8MH 1.2A CHOKE 3.9MH 6A CHOKE 12MH 0.3A CHOKE 47MH 0.3A 德罗塞尔内茨7MH电流0.6A 德罗塞尔内茨.4MH电流0.6A 扼流.3MH2.5a 扼流.4MH 0.6A 德罗塞尔Netz公司4.5MH 3.0A的电路板 扼流7MH 0.5A 德罗塞尔内茨7MH 0.8A 扼流9MH 0.8A 扼流00MH 0.5A 德罗塞尔内茨.3MH 4.0a 德罗塞尔内茨7MH 0.3A 扼流2MH 0.5A 扼流9MH 0.5A 德罗塞尔内茨9MH 0.4A 德罗塞尔内茨0MH 0.8A DROSSEL NETZ PCB 1.1MH 2A 德罗塞尔内茨1.1MH CHOKE 27MH 0.8A 扼流7MH 0.8A
|
HIROSE ELECTRIC Co., Ltd.
|
9250-684-RC 9250-332-RC 9250-182-RC 9250-122-RC 92 |
CHOKE RF MOLDED 680UH FERRITE 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3.3UH IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.8UH IRON 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.2UH IRON 1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3900UH FERRITE 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .68UH PHENOLIC 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 18UH FERRITE 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 15UH FERRITE 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .47UH PHENOLIC 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:9250; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:44; Self Resonant Frequency:70MHz; Terminal Type:Axial Leaded; Core Material:Iron; Current Rating:380mA; DC Resistance Max:0.55ohm
|
Bourns, Inc. BOURNS INC
|
5219-RC 5220-RC 5250-RC |
High I , Radial Choke 1 ELEMENT, 4.9 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR 5200 Series - Hash Choke
|
Bourns, Inc. Bourns Electronic Solut...
|
SLD-65018250X SLD-65018242X SLD-65018270X SLD-6501 |
COIL 33UH 600MA CHOKE SMD CABLE ASSEMBLY; N MALE TO N FEMALE BULKHEAD; 50 OHM, RG178B/U COAX; COIL 470UH 200MA CHOKE SMD General handling precautions 一般的处理措施 LEVER ARM FOR SWITCH 一般的处理措施 LIMIT SWITCH 240VAC 10A PLAST ZCP 一般的处理措施 COIL 3.3UH 1600MA CHOKE SMD 一般的处理措施
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd. DB Lectro, Inc. Molex, Inc.
|
3631B100ML 3631B101LL 3631B331KL 3631B330LL |
CHOKE SMD SHIELDED 10UH CHOKE SMD SHIELDED 330UH 扼流圈贴片屏30UH Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 屏蔽33UH贴片扼流
|
BI Technologies, Corp. NEC, Corp.
|
5800-150 5800-152 |
CHOKE RF HI CURRENT 15UH 1.28A 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:5800; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.158A; Leaded Process Compatible:No; Mounting Type:Through Hole
|
Bourns, Inc. BOURNS INC
|
DLP2ADA900HL4B DLP2ADA900HL4L DLP2ADA350HL4B DLP2A |
Common Mode Choke Coil Film Type (Array) Common Mode Choke Coil Film Type (Array) DLP2AD Series (0804 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
DMT2-200-3.8L DMT2-134-4.8L DMT1-43-3.8L DMT3-35-1 |
Power choke, toroid, RoHS 1 ELEMENT, 200 uH, GENERAL PURPOSE INDUCTOR Power choke, toroid, RoHS 1 ELEMENT, 134 uH, GENERAL PURPOSE INDUCTOR Power choke, toroid, RoHS 1 ELEMENT, 43 uH, GENERAL PURPOSE INDUCTOR Power choke, toroid, RoHS 1 ELEMENT, 35 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
C01-0150-02-0008 C01-0030-02-00 C01-0008-01-00 C01 |
Common Mode Choke 2 FUNCTIONS, 5 A, DATA LINE FILTER Common Mode Choke 2 FUNCTIONS, 12 A, DATA LINE FILTER Common Mode Choke 2 FUNCTIONS, 2 A, DATA LINE FILTER Common Mode Choke
|
ice Components, Ins. ICE Components, Inc.
|
ADCH-80A |
RF Choke
|
Mini-Circuits
|
744778168 |
POWER-CHOKE WE-PD
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
7447709151 |
POWER-CHOKE WE-PD
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
|