PART |
Description |
Maker |
EB-ASG304-CATV EB-ASG304-1750 EB-ASG304-IF ASG304 |
DC-2000 MHz SiGe HBT Amplifier 的DC - 2000 MHzSiGe HBT的放大器 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Advanced Semiconductor Business Inc
|
S1Q S1ZZ |
1 Amp Silicon Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
2021-25 |
25 W, 24 V, 2000-2130 MHz common base transistor 25 Watts, 24 Volts, Class C Microwave 2000 - 2130 MHz BJT 2000-2400 MHz, Class C, Common Base; fO (MHz): 2100; P(out) (W): 25; P(in) (W): 5; Gain (dB): 7.5; Vcc (V): 24; Case Style: 55AW-1 S BAND, Si, NPN, RF POWER TRANSISTOR
|
GHz Technology Microsemi, Corp.
|
UPC2260 UPC2260V |
UPC2260 Data Sheet | Data Sheet[06/2000] UPC2260数据表|数据表[06/2000] Low saturated stabilizing power circuit with a system
|
Atmel, Corp. NEC
|
AP77016-B05 |
USAP77016-B05 MPEG-4 CELP Speech Codec Middleware | User's Manual[12/2000] USAP77016-B05 MPEG-4 CELP Speech Codec Middleware | Users Manual[12/2000] USAP77016 - B05的MPEG - 4 CELP语音编解码中间件|用户手册[12/2000]
|
Molex, Inc.
|
1N5618U 1N5622U 1N5614U 1N5620U |
600 V rectifier 1.5 A forward current, 2000 ns recovery time 1000 V rectifier 1.5 A forward current, 2000 ns recovery time 200 V rectifier 1.5 A forward current, 2000 ns recovery time 800 V rectifier 1.5 A forward current, 2000 ns recovery time
|
Voltage Multipliers
|
H0115 2A0755 |
1000 MHz - 2000 MHz RF/MICROWAVE SINGLE BALANCED MIXER, 8 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz, RF/MICROWAVE PHASE SHIFTER
|
ANAREN INC
|
SHP-100 |
High Pass Filter 50Ω 90 to 2000 MHz High Pass Filter 50楼? 90 to 2000 MHz High Pass Filter 50惟 90 to 2000 MHz
|
Mini-Circuits
|
RA1R111HA1E1000 RA1R110HA0 RA1R303NA0 R012-50611 R |
11 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE Connector “A?for IMT-2000 Mobile Phones Connector “A?for IMT-2000 Mobile Phones
|
JAPAN AVIATION ELECTRONICS INDUSTRY LTD Japan Aviation Electron...
|
ZAPD-20 |
Power Splitter/Combiner 2 Way-0 50Ω 700 to 2000 MHz Power Splitter/Combiner 2 Way-0 50ヘ 700 to 2000 MHz
|
Mini-Circuits
|
ZVE-8G |
50蟹 Medium High Power 2000 to 8000 MHz 50з Medium High Power 2000 to 8000 MHz
|
MINI
|
ZAPD-2 |
Power Splitter/Combiner 2 Way-0 50Ω 1000 to 2000 MHz Power Splitter/Combiner 2 Way-0 50ヘ 1000 to 2000 MHz
|
Mini-Circuits
|