PART |
Description |
Maker |
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
2MP04-096 2MP04-096-15 2MP04-096-10 2MP04-096-12 2 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
2MP04-032-10 2MP04-032-12 2MP04032 2MP04-032-15 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
MC74HC390 MC74HC390A MC74HC390AD MC74HC390ADR2 MC7 |
Dual 4-Stage Binary Ripple Counter with Divide-By-2 and Divide-By-5 Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 卤2 and 卤5 Sections
|
ONSEMI[ON Semiconductor]
|
MC54HC390AJ MC74HC390AD MC74HC390ADT 74HC390A |
High?Performance Silicon?Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections Dual 4-Stage Binary Ripple Counter with 卤2and 卤5 Sections
|
Motorola, Inc MOTOROLA INC
|
CD4060BMS FN3317 |
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator(CMOS 14行波进位十进制计数器/除法振荡 From old datasheet system Couter/Divider, 14-Stage, Binary Ripple Carry, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
PI74STX1G14TX PI74STX1G14 PI74STX1G14CX |
SOTiny Gate STX Schmitt-Trigger Inverter High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 SOTiny Gate STX Schmitt-Trigger Inverter
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
TC74HC4060 TC74HC4060AF TC74HC4060AP E004863 |
14-STAGE BINARY COUNTER/OSCILATOR 14-STAGE BINARY COUNTER / OSCILATOR From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SC5171 E001055 |
From old datasheet system POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
SMCJ40 SMCJ24 SMCJ58A SMCJ58 SMCG51A SMCJ22 SMCJ26 |
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT From old datasheet system CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-TSSOP -55 to 125 CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS BCD-to-Decimal or Binary-to-Octal Decoders/Drivers 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-OR Gate 14-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-CDIP -55 to 125 CAPACITOR CERAMIC DISC 47PF 1KV
|
http:// MICROSEMI[Microsemi Corporation]
|
BC857BW BC857AW BC856BW BC857CW BC858CW BC858AW Q6 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-SOIC -55 to 125
|
http:// SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|