PART |
Description |
Maker |
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
1KSMBJ11A 1KSMBJ9.1A 1KSMBJ51A 1KSMBJ91A 1KSMBJ24A |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:600V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor 硅雪崩二极管- 1000瓦表面贴装瞬态电压抑制器
|
Littelfuse, Inc.
|
1N6612 1N6613 1N6614 1N6615 |
1000 V rectifier 1.5 A forward current, 70 ns recovery time 800 V rectifier 1.5 A forward current, 70 ns recovery time 600 V rectifier 1.5 A forward current, 70 ns recovery time 400 V rectifier 1.5 A forward current, 70 ns recovery time 400 V - 1,000 V Rectifiers
|
Voltage Multipliers Electronic Theatre Controls, Inc.
|
559-0103-003F 559-0303-003F 559-0202-003F 559-0102 |
; Bulb Size:5mm; LED Color:Red; Luminous Intensity:2mcd; Viewing Angle:60 ; Forward Current:13mA; Forward Voltage:12V; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED, RED, 5 mm T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm ROHS COMPLIANT PACKAGE-2 LED Lamp; LED Color:Green; Luminous Intensity:8ucd; Forward Current:12mA; Forward Voltage:5V; Color:Green RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, RED, 5 mm ROHS COMPLIANT PACKAGE-2 LED Lamp; LED Color:Green; Luminous Intensity:4ucd; Forward Current:13mA; Forward Voltage:12V; Color:Green RoHS Compliant: Yes
|
Dialight PLC DIALIGHT CORP
|
HD74HC123 HD74HC123A HC123 |
Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Package/Case:DO-27A; Current Rating:3A; Forward Current:3A; Forward Voltage:1.2V; Mounting Type:Through Hole; Terminal Type:Axial Leaded Dual Retriggerable Monostable Multivibrators (with Clear)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
X100FF5 X100FF3 X150FF3 X150FF5 |
15000 V rectifier 50-420mA forward current,50 ns recovery time 10000 V rectifier 50-420mA forward current,50 ns recovery time 2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
|
Voltage Multipliers List of Unclassifed Manufacturers
|
MBM29LV800TA-12 MBM29LV800TA-70 MBM29LV800TA-90 MB |
Multi-Color LED; Bulb Size:T-1 3/4; LED Color:Red/Green; Luminous Intensity:12ucd; Viewing Angle:70 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-25 C to 85 C; Color:Red/Green RoHS Compliant: Yes 8M (1M X 8/512K X 16) BIT
|
Fujitsu Limited http:// Fujitsu Component Limited.
|
1N6513LL 1N6515LL 1N6517LL |
2000 V rectifier 1.5-3.5 A forward current, 70 ns recovery time 3000 V rectifier 1.5-3.5 A forward current, 70 ns recovery time 5000 V rectifier 1.5-3.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
595-2101-002F 595-2701-007F 595-2701-013F |
LED Lamp; Bulb Size:2mm; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to C; Color:Red; LED Gas Type:AlGaAs RoHS Compliant: Yes SINGLE COLOR LED, RED, 1.8 mm LED Lamp; Bulb Size:2mm; LED Color:Yellow; Luminous Intensity:41mcd; Forward Current:20mA; Forward Voltage:2.02V; Operating Temperature Range:-30 C to 85 C; Color:AllnGaP Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes SINGLE COLOR LED, YELLOW, 1.8 mm
|
Dialight PLC DIALIGHT CORP
|
607-1112-130F 607-3132-340F 607-3132-130F 607-3132 |
LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability LED Lamp; Color:Green; Luminous Intensity (MSCP):50mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Green; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm LED Lamp; Color:Red; Luminous Intensity (MSCP):22mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Red; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm LED INDICATOR, PROM 6VDC YELLOWLED INDICATOR, PROM 6VDC YELLOW; Colour, LED:Yellow; Current, forward If:15mA; Depth, LED segment:4.07mm; Depth, external:22.10mm; Diameter, External:8.13mm; Diameter, fixing hole:7mm; Diameter, LED Lamp; Color:Yellow; Luminous Intensity (MSCP):66mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Yellow; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm
|
Dialight Corporation
|
HN48016 HN48016P |
LED Lamp; Bulb Size:6.99mm; LED Color:Green; Luminous Intensity:20ucd; Viewing Angle:60 ; Forward Current:20mA; Forward Voltage:6V; Color:Green; Leaded Process Compatible:No; Lens Width:7; Peak Reflow Compatible (260 C):No RoHS Compliant: No 2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
|
Hitachi,Ltd. Hitachi Semiconductor
|