PART |
Description |
Maker |
4303.2413 |
KEC/KD FUSE DRAWER 2P 10A 10A, 250V AC, MALE, MAINS POWER CONNECTOR, QUICK CONNECT
|
SCHURTER AG
|
AS2811 |
10A Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed(10A,低压差稳压器(快速响应,可调和固定输出))
|
Sipex Corporation
|
L36SA05010NRFA |
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out 德尔福系列L36SA × 1.60瓦系列DC / DC电源模块1875V的中.0V/10A
|
TE Connectivity, Ltd.
|
OM5236ST OM5241ST OM5240ST OM5238ST OM5237ST OM523 |
400V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 400V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 100V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SINGLE ISOLATED RECTIFIER IN HERMETIC 200V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
2N6359 DTL8755 DTL8045 DTL3202 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 10A I(C) | TO-210AE 晶体管|晶体管|叩| 100V的五(巴西)总裁| 10A条一(c)|10AE TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 10A I(C) | TO-210AE TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 10A I(C) | TO-210AC
|
|
SB100-09 |
90V/ 10A Rectifier 90V, 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
IR3475MTRPBF IR3475MTR1PBF 2R5TPE330M9 C1608X5R1A2 |
10A Highly Integrated SupIRBuck Constant On.Time Control 10A Programmable High Freq Sync Buck Regulator with onboard constant on time hysteretic controller and MOSFETs Compensation Loop not Required
|
International Rectifier International Rectifier, Corp.
|
DK1A-L2-24V DK1A-L2-9V DK1AL26VNIL DK1AL26VF DK2AL |
Miniature Power Relay, 1 Form A, 10A 250VAC 10A 30VDC, 2 Coil Latching POWER/SIGNAL RELAY, SPST, LATCHED, 0.008A (COIL), 24VDC (COIL), 200mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT 10 A MINIATURE POWER RELAY
|
Panasonic Semiconductor PANASONIC CORP Panasonic, Corp.
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
SBR10U100CT08 SBR10U100CT SBR10U100CTFP |
10A SBR? SUPER BARRIER RECTIFIER 10A SBR庐 SUPER BARRIER RECTIFIER 10A SBR㈢ SUPER BARRIER RECTIFIER
|
Diodes Incorporated
|
STP10NB60SFP STGP10NB60SFP |
N-CHANNEL 10A - 600V - TO-220FP PowerMesh?IGBT N-CHANNEL 10A - 600V - TO-220FP PowerMesh IGBT N-CHANNEL 10A - 600V - TO-220FP PowerMesh⑩ IGBT N-CHANNEL 10A 600V TO-220 POWERMWSH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|