PART |
Description |
Maker |
SCH2815 |
MOSFET : N-Channel Silicon MOSFET MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
IRFU3709 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 90A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 90A型(丁)|51AA HEXFET? Power MOSFET SMPS MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
VRF148A VRF148AMP VRF148A10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 30; P(in) (W): 1; Gain (dB): 15; VDD (V): 50; Coss (pF): 35; Case Style: M113 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
NTE2946 NTE2944 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFP260PBF IRF6618TRPBF IRF6618PBF |
HEXFET? Power MOSFET DirectFET?Power MOSFET ? DirectFET㈢Power MOSFET ㈢ HEXFET㈢ Power MOSFET
|
International Rectifier
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
IRFB4710PBF IRFS4710PBF IRFSL4710PBF IRFS4710TRR I |
High frequency DC-DC converters HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IRFP443R IRFF430R IRF731R IRF732R IRFP442R IRFP342 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 500MA I(D) | TO-250VAR Rugged Series Power MOSFETs - N-Channel TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2.75A I(D) | TO-205AF TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 5.5A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 4.5A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 7.7A I(D) | TO-247 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 8.7A I(D) | TO-247AC TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 10A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 5.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 4.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 4.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 6.8A I(D) | TO-247 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 6.8AI(四)|47 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 5.4A I(D) | TO-204AA 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 5.4AI(四)|04AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 4A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 4A条(丁)| TO - 220AB现有 TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 2.25A I(D) | TO-205AF 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 2.25AI(四)|05AF TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 1.35A I(D) | TO-205AF 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 1.35AI(四)|05AF TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 4A I(D) | TO-204AA
|
International Rectifier, Corp. Intersil, Corp. Infineon Technologies AG Fairchild Semiconductor, Corp.
|
|