PART |
Description |
Maker |
AD8215 |
High Voltage, Curren Shunt Monitor
|
Analog Devices
|
2SA1832 |
High Voltage and High Curren :VCEO=-50V,IC=-150mA(Max.) High hFE: hFE=70 to 400
|
TY Semiconductor Co., Ltd
|
TC1306 TC1306R-BDVUA |
The TC1306 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 8-Pin MSOP package. Designed specifically for battery-operated systems, the device’s CMOS construction eliminates wasted ground curren Dual 150mA CMOS LDOWith Select Mode Operation, Shutdown and RESET Output Dual 150mA CMOS LDOWith Select Mode⑩ Operation, Shutdown and RESET Output Dual 150mA CMOS LDOWith Select ModeOperation, Shutdown and RESET Output Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:14-19
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
|