PART |
Description |
Maker |
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
DCR1595SW50 DCR1596SW DCR1595SW48 DCR1595SW47 DCR1 |
4900V phase control thyristor 5200V phase control thyristor 5100V phase control thyristor 5000V phase control thyristor Phase Control Thyristor 4487 A, 4800 V, SCR Phase Control Thyristor 相位控制晶闸 4700V phase control thyristor
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
1180-02-10A 1180-01 1180-02-0.1A 1180-01-3A 1180-0 |
Protection of loads in power distribution systems in control cabinets and process control
|
ETAL Group
|
MTD2005F10 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd
|
MTD2005-17 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg...
|
MTD2003F-17 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg...
|
TMG12C80F |
Full Wave AC control applications It can be used as an ON/OFF function or for phase control operation.
|
SanRex Corporation
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
TDA3505 TDA3506 |
Video control combination circuit with automatic cut-off control
|
PHILIPS[Philips Semiconductors]
|