PART |
Description |
Maker |
SDR8400S4 |
400 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
403CNQ080 |
400 Amp Schottky Rectifier(400 A 肖特基整流器) 400安培肖特基整流器00甲肖特基整流器)
|
International Rectifier, Corp.
|
1SMA43CAT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
P4SMA110A P4SMA91A P4SMA8.2 P4SMA8.2A P4SMA150 P4S |
400 Watts Suface Mount Transient Voltage Suppressor 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Compan... Taiwan Semiconductor Co...
|
DS-332PIN |
Two-Way Power Divider, 400 KHz - 400 MHz
|
M/A-COM Technology Solutions, Inc.
|
DSS-113 DSS-113PIN DS-113PIN |
Two-Way Power Divider, 400 KHz - 400 MHz
|
M/A-COM Technology Solutions, Inc.
|
SHF1304SMS |
3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier 3 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
CM400DU-24F |
Dual IGBTMOD 400 Amperes/1200 Volts 400 A, 1200 V, N-CHANNEL IGBT
|
Powerex Power Semiconductor... Powerex Power Semiconductors Powerex, Inc.
|
APT40M70B2VFRG APT40M70LVFRG |
Power FREDFET; Package: T-MAX™ [B2]; ID (A): 57; RDS(on) (Ohms): 0.07; BVDSS (V): 400; 57 A, 400 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-264 [L]; ID (A): 57; RDS(on) (Ohms): 0.07; BVDSS (V): 400; 57 A, 400 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp.
|
CR03AM400-12 CR03AM400-8 CR03AM CR03AM600-8 CR03AM |
RECTIFIER SCHOTTKY SINGLE 1A 20V 40A-ifsm 0.5V-vf 0.5mA-ir DO-41 1K/BULK 铅山,相位控制晶闸管0.3 Amperes/400-600伏特 Lead-Mount/ Phase Control SCR 0.3 Amperes/400-600 Volts Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APT4014BVFR APT4014SVFR APT4014BVFRG |
Power FREDFET; Package: TO-247 [B]; ID (A): 28; RDS(on) (Ohms): 0.14; BVDSS (V): 400; 28 A, 400 V, 0.14 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD POWER MOS V FREDFET
|
Microsemi, Corp. Advanced Power Technology http://
|