PART |
Description |
Maker |
2954798 |
EMG 45-DIO 8E/LP
|
PHOENIX CONTACT
|
ZMM55C10 ZMM55C11 ZMM55C12 ZMM55C13 ZMM55C15 ZMM55 |
Surface Mount Zener Dio de
|
SeCoS Halbleitertechnologie GmbH
|
RBOX610 |
Robust Din-rail Fanless Embedded System with RISC-based (iMX-287) Processor 4 COM, 2 CAN Bus and DIO
|
Axiomtek Co., Ltd.
|
NTE2945 |
SM DIO/SMBJ12A SMB UNI-DIR MOSFET的N沟道,增强模式高速开 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
AEC-6913-A1M-1010 AEC-6913-A2M-1010 |
Design for Industrial Automation, Reliable Design: RS-422/485 10x. DIO
|
AAEON Technology
|
ACL-6128A ACL-8213L |
ISA DAQ/DIO Cards
|
List of Unclassifed Man...
|
831C-3J 831C-4 831C-1 831C-1G 831C-1J 831C-2 831C- |
1N4001 DIO RECT 100V DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 IC LOGIC 3306 DUAL FET BUS SWITCH -40 85C TSSOP-8 - OBSOLETE RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 DIODE ZENER SINGLE 1000mW 68Vz 3.7mA-Izt 0.05 5uA-Ir 51.7Vr DO41-GLASS 5K/AMMO 83系列成型双酯通孔和表面贴装干簧继电器 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 83系列成型双酯通孔和表面贴装干簧继电器 IC PLL CLK GENERATOR 1:6 32-LQFP 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
|
http:// List of Unclassifed Manufacturers ETC[ETC] Gordos Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
DSPIC30F6013CT-30E_W DSPIC30F6011BT-20E/PF DSPIC30 |
CAP 100UF 4V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 高性能数字信号控制 DIO ZMM5230B LITEON T/R 1 高性能数字信号控制 High Voltage Chip Divider 高电压芯片分压器 CAP 10UF 10V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 100UF 6V 20% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-300 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL SN/PB5% LOWESR-200 CAP 10UF 35V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-1200 CAP 100UF 10V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 CAP 10UF 25V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-200 CAP 10UF 25V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 CAP 10UF 20V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-500 6.0V, 5% AT 20MA, 500MW, ZENER LL5233B, LL-34 DIODE, ZNR DIODE VZ=5.6V DIODE ZENER 6.2V 0.5W 5% IZT=20MA DO-2 CAP 10UF 16V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 SWITCH,20A,3P,HAND-AUTO,FLUSH MTGSWITCH,20A,3P,HAND-AUTO,FLUSH MTG; Poles, No. of:3; Current rating:20A GT 10C 10#16 SKT RECP BOX RM CAP 10UF 20V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-500 CAP 100UF 6V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-300 CAP 100UF 4V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-200 CAP 100UF 6V 20% TANT SMD-6032-28 TR-7-PL SN/PB5% LOWESR-300 DUMB TERM ADAPT DB25M DTEFOR ADV CONSOLE SERVERS High Performance Digital Signal Controllers
|
Microchip Technology, Inc. Microchip Technology Inc.
|
HIF3B-50DA-2.54R HIF3B-34PA-2.54DS HIF3B-34PA-2.54 |
NS30 VOLT 600 WATT UNI-DIR DO-214. CONN MODULAR JACK 6-6 RT ANG SMD CONN MODULAR JACK 8-8 RT ANG SMD DIODE ZENER SINGLE 1000mW 5.6Vz 100mA-Izt 0.05 5uA-Ir 2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 6.2Vz 100mA-Izt 0.05 5uA-Ir 3 SMA 5K/REEL DIODE, ZENER, 12V, 1W, SMD SMA DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11.4 SMA 5K/REEL TVS UNIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 20Vz 25mA-Izt 0.05 0.5uA-Ir 15.2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 10Vz 50mA-Izt 0.05 1uA-Ir 7.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 39Vz 10mA-Izt 0.05 0.5uA-Ir 29.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 8.2Vz 100mA-Izt 0.05 5uA-Ir 6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 33Vz 25mA-Izt 0.05 0.5uA-Ir 25.1 SMA 5K/REEL TVS BIDIRECT 600W 16V SMB DIODE ZENER SINGLE 1000mW 36Vz 10mA-Izt 0.05 0.5uA-Ir 27.4 SMA 5K/REEL DIO, TVS, SMBJ15CA, 15V, BI-DIR TVS UNIDIRECT 600W 14V SMB TVS BIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 18Vz 25mA-Izt 0.05 0.5uA-Ir 13.7 SMA 5K/REEL TVS UNIDIRECT 600W 28V SMB 带状电缆连接器符合MIL标准兼容 TVS UNIDIRECT 600W 160V SMB 带状电缆连接器符合MIL标准兼容 DIODE, TRANSIENT SUPPRESSOR, 33V, 13.8A 带状电缆连接器符合MIL标准兼容 TVS UNI-DIR 33V 600W SMB 带状电缆连接器符合MIL标准兼容 Ribbon Cable connector Compliant with MIL Standard 带状电缆连接器符合MIL标准兼容 TVS BIDIRECT 600W 30V SMB 带状电缆连接器符合MIL标准兼容
|
http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|