PART |
Description |
Maker |
TC670ECHTR TC67003 TC670 |
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user specified level, the TC670 asserts an ALERT signal. With th Tiny Predictive Fan Failure Detector
|
Microchip Technology
|
HSDL-3201 HSDL-3201001 HSDL-3201021 |
IrDA 1.2 Data Compliant 115.2Kb/s 3V Infrared Transceiver 红外1.2数据符合115.2Kb / sV的红外收发器 Infrared IrDA 1.2 Compliant 115.2Kb/s 3V Transceiver. 13 红外IrDA 1.2兼容115.2Kb / sV的收发器13 Infrared IrDA 1.2 Compliant 115.2Kb/s 3V Transceiver. 7 HSDL-3201#001 · Infrared IrDA 1.2 Compliant 115.2Kb/s 3V Transceiver
|
Diodes, Inc. HIROSE ELECTRIC Co., Ltd. Agilent (Hewlett-Packard)
|
PB01Q-701ISSI PB01Q-501ISSI PB01Q-001ISSI PB01Q-90 |
1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 3A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 6A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 2A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
PASP06W-60-1C PASP06Q-60-1C PASP06S-60-1C PASP08Q- |
6A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET. 3A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 2A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
HSDL-3003-021 HSDL-3003-001 |
115.2kbit/s IrDA transceiver with Remote Control features SPECIALTY INTERFACE CIRCUIT, SMA8 IrDA? Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
|
Lite-On Technology, Corp. AVAGO TECHNOLOGIES LIMITED
|
G9941 |
4X Linear Fan Driver for 12V DC Fan
|
Global Mixed-mode Technology Inc
|
G280 |
Fan Guard for 280mm fan
|
ORION FANS
|
299-91-608-10-002 299-93-608-10-002 299-93-306-11- |
FAN 24VDC MUFFIN MC24K3 双列直插式插直角版本封闭框架焊尾 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:10mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:12mm; Sensor Housing:Barrel 双列直插式插直角版本封闭框架焊尾 FAN FALCON 115VAC FA2B3 W/O FG 双列直插式插直角版本封闭框架焊尾 FAN FALCON 220VAC FA77B3 W/O FG 双列直插式插直角版本封闭框架焊尾 Dual-in-line sockets / right angle version Closed frame Solder tail 双列直插式插直角版本封闭框架焊尾 Axial Fan; Current Type:DC; Supply Voltage:12VDC; Series:Galaxy; External Height:127mm; External Width:127mm; External Depth:38mm; Fan Flow Rate:150CFM; Noise Rating:53.6dBA; Bearing Style:Ball; Depth:38mm; Height:127mm; RoHS Compliant: Yes FAN DIP 220VAC DAF77B3 W/O FG
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
HSDL-3000007 HSDL-3000017 HSDL3000 HSDL-3000 |
HSDL-3000#007 · IrDA 1.3 Data Compliant 115.2kb/s 3-5V Transceiver, Front Option Agilent HSDL-3000 # 007/017 IrDA?? Data Compliant 115.2 kbps Infrared Transceiver AGILENT HSDL-3000 # 007/017 IRDA DATA COMPLIANT 115.2 KBPS INFRARED TRANSCEIVER
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
|