PART |
Description |
Maker |
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
ISL6615AFRZ ISL6615ACRZ-T ISL6615ACBZ ISL6615AIBZ |
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 6 A AND GATE BASED MOSFET DRIVER, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ISL8840AMBEPZ ISL8841AMBEPZ ISL8842AMBEPZ ISL8843A |
High Performance Industry Standard Single-Ended Current Mode PWM Controller; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R SWITCHING CONTROLLER, PDSO8
|
Intersil, Corp. Intersil Corporation
|
ISL54212IRTZ ISL54212IRTZ-T ISL54212IRUZ-T ISL5421 |
MP3/USB 2.0 High Speed Switch with Negative Signal Handling; Temperature Range: -40°C to 85°C; Package: 10-TDFN T&R 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO10
|
Intersil Corporation Intersil, Corp.
|
2SC4634 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
ISL5422209 ISL54222IRTZ-T |
High-Speed USB 2.0 (480Mbps) Multiplexer; Temperature Range: -40°C to 85°C; Package: 10-TDFN T&R TTL/H/L SERIES, 1 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO10
|
Intersil, Corp. Intersil Corporation
|
ADA4627-1ARZ ADA4627-1ACPZ-R7 |
36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-pin; Temperature Range: -40°C to 125°C 36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-LFCSP (Lead Form Chip Scale); Temperature Range: -40°C to 125°C
|
ANALOG DEVICES INC
|
JMK316BJ226ML-T501 LTM4600EV LTM4600IV LTM460006 L |
10A High Effi ciency DC/DC 渭Module 10A High Effi ciency DC/DC μModule 10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -40°C to 85°C 10A High Effi ciency DC/DC μModule
|
Linear Technology LINEAR TECHNOLOGY CORP
|
DS1921Z-F5 DS1921H |
High Resolution Thermochron iButton Range H: 15°C to 46°C; Z: -5°C to 26°C SPECIALTY ANALOG CIRCUIT, MEDB2 High-Resolution Thermochron iButton
|
Maxim Integrated Products, Inc.
|
EDI8F32259V20MZC EDI8F32259V20MNC EDI8F32259V12MNC |
High Speed, Monolithic Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R High Speed, Single Channel, Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
Air Cost Control
|
ISL9000IRKNZ-T ISL9000IRJNZ-T ISL9000IRPPZ-T ISL90 |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9012IRFDZ-T ISL9012IRCJZ-T ISL9012IRMGZ-T ISL90 |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|