PART |
Description |
Maker |
ISL29010 ISL29010IROZ-EVALZ ISL29010IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
MAX16814AUP |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller; Package: TSSOP-EP;20 pin;43 mm² ; Temperature: -40°C to 125°C LED DISPLAY DRIVER, PDSO20
|
Maxim Integrated Products, Inc.
|
ISL54221IRUZ-T |
High-Speed USB 2.0 (480Mbps) Multiplexer; Temperature Range: -40°C to 85°C; Package: 10-uTQFN T&R DBL POLE DBL THROW SWITCH, PDSO10
|
Intersil Corporation
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
ISL54212IRTZ ISL54212IRTZ-T ISL54212IRUZ-T ISL5421 |
MP3/USB 2.0 High Speed Switch with Negative Signal Handling; Temperature Range: -40°C to 85°C; Package: 10-TDFN T&R 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ISL3034E ISL3034EIRTZ ISL3034EIRTZ-T ISL3034EIRUZ- |
4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators; Temperature Range: -40°C to 85°C; Package: 16-uTQFN T&R 4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators; Temperature Range: -40°C to 85°C; Package: 14-TQFN T&R CMOS TO ECL TRANSLATOR, TRUE OUTPUT, PQCC16
|
Intersil, Corp. Intersil Corporation
|
ISL55110IRZ-T ISL55110-11 |
Dual, High Speed MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 3.5 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
HI5728IN-T |
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP T&R DUAL, PARALLEL, WORD INPUT LOADING, 35 us SETTLING TIME, 10-BIT DAC, PQFP48
|
Intersil, Corp.
|
ISL21009BMB841EP ISL21009CMB850EP ISL21009BMB850EP |
High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R THREE TERM VOLTAGE REFERENCE, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References
|
Intersil, Corp. Intersil Corporation
|
ISL29012IROZ-EVALZ ISL29012 ISL29012IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus™; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6 Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus垄芒
|
Intersil, Corp. Intersil Corporation
|