PART |
Description |
Maker |
PDIP |
Amkor’s PDIP packages offer Amkor’s PDIP packages offer
|
Amkor Technology
|
POWERSOP2 |
Exceptional performance through the innovative design of PSOPs offer
|
Amkor Technology
|
SMD0805P075TS SMD0805 SMD0805P010TS SMD0805P020TS |
These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V
|
Littelfuse
|
SMD2016 SMD2016P030TF SMD2016P050TF SMD2016P100TF |
These devices offer a wide range of hold currents from 0.3 A to 2.0 A and voltages form 6 V to 60 V.
|
Littelfuse
|
018-220 012-220 048-250 005-220 003-250 N68F N68FA |
Slim type and small occupying area can offer high density P.C.B. technique Slim type and small occupying area can offer high density P.C.B. technique.
|
HuaXinAn Electronics CO.,LTD HuaXinAn Electronics CO...
|
012-540 012-720 005-540 005-720 006-540 006-720 02 |
Slim type and small occupying area can offer high density P.C.B. technique Slim type and small occupying area can offer high density P.C.B. technique
|
HuaXinAn Electronics CO.,LTD HuaXinAn Electronics CO...
|
KGF40N60KDA |
KEC Field Stop Trench IGBTs offer low switching losses, high energy efficiency and short circuit ruggedness.
|
KEC(Korea Electronics)
|
PBT-322 PBT-320 PBT-222 |
Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
|
Tyco Electronics
|
OSLA04X4W00 |
With rated voltage & constant current drive IC, offer constant brightness against unstable environments
|
OptoSupply International
|
MCP6S22-I/MS MCP6S22-I/P MCP6S22-I/SN MCP6S26-I/P |
Designs with multiple signals Designs that need to be calibrated over time and temperature AutomotiveInstrumentationIndustrial applications The MCP6S21, MCP6S22, MCP6S26, and MCP6S28 Programmable Gain Amplifiers offer 1, 2, 6 or 8 input channels respectively and eight ...
|
Microchip
|
PIC12F683 |
The Low Pin-count (8) PICFlash microcontroller products offer all of the advantages of the well recognized mid-range x14 architecture with standardized features including a wide operating voltage of 2.0-5.5 volts, on-board EEPROM Data Me
|
Microchip
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|