PART |
Description |
Maker |
IRKD166 IRKC166 IRKC196-04 IRKC196-08 IRKC196-12 I |
1400V Single Diode in a INT-A-Pak package 1200V Single Diode in a INT-A-Pak package 1200V Doubler in a INT-A-Pak package 1600V Common Anode in a INT-A-Pak package 1600V Single Diode in a INT-A-Pak package 1600V Doubler in a INT-A-Pak package 1600V Common Cathode in a INT-A-Pak package STANDARD RECOVERY DIODES 800V Doubler in a INT-A-Pak package 800V Single Diode in a INT-A-Pak package 1200V Common Anode in a INT-A-Pak package 800V Common Cathode in a INT-A-Pak package 1400V Doubler in a INT-A-Pak package 1400V Common Anode in a INT-A-Pak package 1400V共阳极的相依 Pak封装 1400V Common Cathode in a INT-A-Pak package 1400V共阴极的相依 Pak封装 NEW INT-A-pak Power Modules 新国甲柏电源模块 1200V Common Cathode in a INT-A-Pak package 1200伏共阴极的相依甲- Pak封装 800V Common Anode in a INT-A-Pak package 800V的共阳极的相依甲- Pak封装 230 A, 1200 V, SILICON, RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
CY7C0240411 CY7C025-55JXC CY7C025-55JXI CY7C025 CY |
4K x 18 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K的18双PortStatic RAM的扫描电镜,廉政,忙(带扫描电镜,廉政,忙输入端的的4K的18双端口静态RAM)的 8K x 18 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K x 16 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 8K x 16 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
|
Cypress Semiconductor Corp.
|
IRKTF112 IRKLF112 2212 IRKTF112-08HNN IRKTF111-04H |
FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR 快速晶闸管/二极管和晶闸晶闸 INT-A-pak Power Modules(8V,112A,可控二极H结构INT-A-pak 功率模块) 相依甲柏功率模块V的,112A章,可控二极结构相依甲柏功率模块 INT-A-pak Power Modules(8V,112A,可控可控L结构INT-A-pak 功率模块) INT-A-pak Power Modules(4V,112A,可控可控L结构INT-A-pak 功率模块) Receptacle AA series 3 pin female PCB Vertical - no grd or latch From old datasheet system 800V Doubler Circuit Positive Control Inverter Thyristor/Diode in a INT-A-Pak package 800V Doubler Circuit Negative Control Inverter Thyristor/Diode in a INT-A-Pak package 800V Doubler Circuit Positive Control Inverter Thyristor/Thyristor in a INT-A-Pak package 400V Doubler Circuit Positive Control Inverter Thyristor/Thyristor in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRKLF132 2213 IRKHF152-04HL IRKLF132-08HL IRKLF152 |
INT-A-pak Power Modules(可控二极H结构INT-A-pak功率模块) 相依甲柏功率模块(可控硅/二极结构相依甲柏功率模块 INT-A-pak Power Modules(可控可控L结构INT-A-pak功率模块) INT-A-pak Power Modules(可控二极管H结构INT-A-pak功率模块) From old datasheet system FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
|
International Rectifier, Corp.
|
MIP0221SY MIP0222SY MIP0223SY MIP0224SY MIP0225SY |
Silicon MOS IC ISOLATOR, INT'LOCK 25A 3 POLEISOLATOR, INT'LOCK 25A 3 POLE; Poles, No. of:3; Current rating:25A; Approval Bodies:UL, CSA; IP rating:IP55; Power, switching AC3 max:13kW
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
GA300TD60U |
600V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT DUAL INT-A-PAK
|
IRF[International Rectifier]
|
GA500TD60U |
HALF-BRIDGE IGBT DUAL INT-A-PAK 600V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package
|
IRF[International Rectifier]
|
G150SPBK06P3H |
HiRelTM INT-A-Pak 3, PLASTIC
|
International Rectifier
|
DFC15U48S15 DFC15U48S12 DFC15U48S5 |
SERVSELECT III PS2 CABLE 10-CL W/ INT DONGLE SERVSELECT III PS2 CABLE 7-CL W/ INT DONGLE SERVSELECT III PS2 CABLE 15-CL W/ INT DONGLE
|
Power-One
|
CY7C144-55AXC CY7C144-25AXC CY7C144-15AI CY7C144-1 |
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
|
Cypress Semiconductor
|
CY7C0241 CY7C0251 CY7C025-15AXC CY7C025-15AXI CY7C |
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
|
Cypress Semiconductor
|