PART |
Description |
Maker |
PIC16C622A-20I/SSHXX |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16C642-04I/SPGVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F1230-I/PXXX PIC18F1330-I/PXXX |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F87K22T-I/PT |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F1526-E/PTVAO PIC16F1526T-E/PTVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F6720-I/PTC01 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F14K50 |
(PIC18F13K50 / PIC18F14K50) 8-bit PIC Microcontrollers
|
Microchip Technology
|
PIC16C73A20SP PIC16LC74 |
IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,28PIN,PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers
|
Microchip Technology
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
DS41401A |
F1 Evaluation Platform for Enhanced PIC? Microcontrollers
|
Microchip Technology
|
PIC16C63T-10/SO PIC16C63T-04/SO PIC16C63T-04E/SO P |
8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MS-026, TQFP-44 PIC16C6X Datasheet 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PQCC44 8-BIT, MROM, 20 MHz, RISC MICROCONTROLLER, PDIP28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|18PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 18PIN |塑料 Microcontroller 微控制器 Zero Drift High Side Current Sense Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C White LED Driver in SC70 with Integrated Schottky; Package: SC70; No of Pins: 8; Temperature Range: -40°C to 125°C Full-Featured LED Driver with 1.5A Switch Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C Triple Output LED Driver; Package: QFN; No of Pins: 28; Temperature Range: -40°C to 125°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Photoflash Capacitor Chargers with Automatic Refresh; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C
|
Black Box, Corp. Microchip Technology, Inc. Renesas Electronics, Corp. ITT, Corp. 电流感应放大
|
|