PART |
Description |
Maker |
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|
EMC6D103S-CZC-TR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
TC649BEUATR TC646B TC646BEOA713 TC646BEOATR TC646B |
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
SC2128C-D80D SC2128C-D80S SC2128C-D82S SC2128C-D83 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|
TC642 TC642DEMO TC642EV TC642COA TC642VOA TC642VUA |
The TC642 is a switch mode fan speed controller for use with brushless DC motors. Temperature proportional speed control is accomplished using pulse width modulation. A thermistor (or other voltage output temperature sensor) connected to t PWM Fan Speed Controller with FanSense Technology PWM Fan Speed Controller with FanSense⑩ Technology
|
MICROCHIP[Microchip Technology]
|
299-91-608-10-002 299-93-608-10-002 299-93-306-11- |
FAN 24VDC MUFFIN MC24K3 双列直插式插直角版本封闭框架焊尾 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:10mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:12mm; Sensor Housing:Barrel 双列直插式插直角版本封闭框架焊尾 FAN FALCON 115VAC FA2B3 W/O FG 双列直插式插直角版本封闭框架焊尾 FAN FALCON 220VAC FA77B3 W/O FG 双列直插式插直角版本封闭框架焊尾 Dual-in-line sockets / right angle version Closed frame Solder tail 双列直插式插直角版本封闭框架焊尾 Axial Fan; Current Type:DC; Supply Voltage:12VDC; Series:Galaxy; External Height:127mm; External Width:127mm; External Depth:38mm; Fan Flow Rate:150CFM; Noise Rating:53.6dBA; Bearing Style:Ball; Depth:38mm; Height:127mm; RoHS Compliant: Yes FAN DIP 220VAC DAF77B3 W/O FG
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
ADM1030 ADM1030ARQ |
Complete, ACPI Compliant C Remote Thermal Monitor with Integrated Fan Controller Intelligent Temperature Monitor and PWM Fan Controller
|
AD[Analog Devices]
|
OA109AP-11-1TB03 OA109AP-22-1TB03 |
AC Fan AC Smart Fan 120x38mm (4.7”x 1.5?
|
ORION FANS
|
OD6010-05M OD6010-12H OD6010-12L |
FAN DC Fan - 5V, 12V
|
ORION FANS
|
07145-SP072 |
FAN CORD FEMALE 45° W/ NEMA 1-15 PLUG FAN CORD FEMALE 45隆? W/ NEMA 1-15 PLUG
|
Qualtek Electronics Corporation
|
07190-SP072 |
FAN CORD FEMALE 90° W/ NEMA 1-15 PLUG FAN CORD FEMALE 90隆? W/ NEMA 1-15 PLUG
|
Qualtek Electronics Corporation
|