PART |
Description |
Maker |
MAX1703ESE |
1-Cell to 3-Cell / High-Power 1.5A / Low-Noise / Step-Up DC-DC Converter
|
Maxim
|
MAX1700/MAX1701 |
1-Cell to 3-Cell High-Power (1A) Low-Noise Step-uP DC-DC Conv
|
Maxim Integrated Products, Inc.
|
C5403-31 C5403-30 |
1/3-inch CCD Video Camera Coin Cell PC Battery Holder, 12mm Cell
|
http:// HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
ILC6383 ILC6383CIR33X ILC6383CIR50X ILC6383CIRADJX |
1-Cell to 3-Cell DC/DC Boost Converter with True Load Disconnect 1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
|
FAIRCHILD[Fairchild Semiconductor]
|
LC4256 LC4384V75T176C LC4512 LC4128 LC4064 LC4032 |
IC,COMPLEX-EEPLD,256-CELL,3.8NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,384-CELL,10NS PROP DELAY,QFP,176PIN,PLASTIC IC,COMPLEX-EEPLD,512-CELL,4.5NS PROP DELAY,QFP,176PIN,PLASTIC System Programmable Super Fast High Density PLDs IC,COMPLEX-EEPLD,64-CELL,3.2NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,32-CELL,3.2NS PROP DELAY,TQFP,48PIN,PLASTIC
|
Lattice Semiconductor Corp
|
AT40K-FFT AT40K05LV AT40K20 AT40K20LV AT40K40 AT40 |
AT40K-FFT [Updated 8/98. 8 Pages] Fast fourier transform Intellectual Property Core for AT40K FPGAs From old datasheet system 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam. 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 40K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V)
|
Atmel Corp
|
MAX17059G MAX17059GT10 MAX17058G MAX17058GT10 MAX1 |
1-Cell/2-Cell Li ModelGauge ICs
|
Maxim Integrated Products
|
MAX1700 MAX1700EEE MAX1700-MAX1701 MAX1701EEE MAX1 |
From old datasheet system 1-Cell to 3-Cell, High-Power (1A),Low-Noise, Step-Up DC-DC Converters 1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters 1-Cell to 3-Cell / High-Power 1A / Low-Noise / Step-Up DC-DC Converters
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
ISL9220AIRTZEVAL1Z ISL9220IRTZEVAL1Z |
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
|
Intersil Corporation
|
UB244AG-AE-SM1-R UB244AG-AA-SM1-R UB244AG-AB-SM1-R |
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
|
Unisonic Technologies
|
AIC1628 AIC1628CN AIC1628CS |
3-Cell, High-Efficiency, Step-Up DC/DC Converter 3节电池,高效率,升压型DC / DC转换 3-Cell/ High-Efficiency/ Step-Up DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|