PART |
Description |
Maker |
MC74HC589A MC74HC589AD MC74HC589ADR2 MC74HC589ADT |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
|
ONSEMI[ON Semiconductor]
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
CD4015BDTR CD4015BKTR CD4015BT 5962R9662401TXC 596 |
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output(串行输入并行输出的CMOS 双四阶静态移位寄存器) CMOS级静态移位寄存器在串行输并行输出(串行输入并行输出的的CMOS双四阶静态移位寄存器 CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output 4000/14000/40000 SERIES, 4-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDFP16
|
Intersil Corporation Intersil, Corp.
|
74HCT595N |
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
|
Philips
|
74HC595D 74HC595DB 74HC595N 74HC595PW |
8-bit serial-in/serial or parallel-out shift register with output latches 3-state
|
Philips
|
74VHC595PW 74VHC595D |
8-bit serial-in/serial-out or parallel-out shift register with output latches
|
NXP Semiconductors
|
MC74HC165ANG MC74HC165AMNTWG MC74HC165ADTR2G |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
|
ON Semiconductor
|
MC74HC595AMNTWG |
8-Bit Serial-Input/Serial or Parallel-Output Shift Register
|
ON Semiconductor
|
74AHC595D-Q100 74AHCT595D-Q100 74AHC595PW-Q100 74A |
8-bit serial-in/serial-out or parallel-out shift register with output latches
|
NXP Semiconductors
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74HC595 |
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
|
ON Semiconductor
|
IN74HC595A IN74HC595AD IN74HC595AN |
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
|
INTEGRAL[Integral Corp.] ETC
|