PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
IRG4BC30U-SPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier
|
IRG7PH35UD1-EP |
1200V UltraFast Discrete IGBT in a TO-247 package with Ultra-Low Vf Diode
|
International Rectifier
|
HFA08TB60 |
600V 8A HEXFRED Discrete Diode in a TO-220AC package Ultrafast, Soft Recovery Diode Ultrafast/ Soft Recovery Diode
|
IRF[International Rectifier]
|
IRG4BH20K-L |
1200V UltraFast 4-20 kHz Discrete IGBT in a TO-262 package INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
HFA04TB60S HFA04TB60STRR |
Ultrafast/ Soft Recovery Diode Ultrafast, Soft Recovery Diode 600V 4A HEXFRED Discrete Diode in a D2-Pak (HEXFRED) package
|
IRF[International Rectifier]
|
HFA04SD60S |
Ultrafast, Soft Recovery Diode 超快,软恢复二极 600V 4A HEXFRED Discrete Diode in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
30ETH06 30ETH06-1 30ETH06S |
Hyperfast Rectifier 600V 30A HyperFast Discrete Diode in a TO-220AC package 600V 30A HyperFast Discrete Diode in a TO-262 package 600V 30A HyperFast Discrete Diode in a D2-Pak (UltraFast) package
|
IRF[International Rectifier]
|
HFA08SD60S HFA08SD60 |
Ultrafast, Soft Recovery Diode 超快,软恢复二极 600V 8A HEXFRED Discrete Diode in a D-Pak package From old datasheet system
|
International Rectifier, Corp. IRF[International Rectifier]
|