PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
LC58E76 LC5872 LC5873 LC5874 LC5876 |
On-Chip EPROM Microcomputer 4-Bit Single-Chip Microprocessor with LCD Driver, 12 Kbytes of EPROM and 1Kbits of RAM On-Chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LQG15HN10NJ02D LQG15HN18NJ02D LQG15HN15NJ02J LQG15 |
Chip Inductor (Chip Coil) for High Frequency Multilayer Type 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP COILS, 82NH / 150MA Chip Inductor (Chip Coil) for High Frequency Multilayer Type
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
CAY10-472J4LF CAY10-103J2LF CAY10-000J2LF CAY10-00 |
CHIP ARRAYS RESISTOR, NETWORK, FILM, ISOLATED, 0.125 W, SURFACE MOUNT, 0804 Chip Resistor Array Model CAY10 - Chip Resistor Array Chip Resistor Array
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
CR1206-8W-2150DT CR1206-8W-1R50DT CR1206-8W-120JT- |
RESISTOR, 0.125 W, 0.5 %, 50 ppm, 215 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 3.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 22.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1500 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 85.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 10.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 505 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 24.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 15 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 105 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 365 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 50.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 115 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 150 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 255 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 305 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 68 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 7.68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 6.73 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 73.2 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.3 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 10200 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1.13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.063 W, 1 %, 100 ppm, 590000 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.8 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1020 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 1.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 145 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 100000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1020000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT
|
Venkel, Ltd.
|
CPD06 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
SLE4466 SPI_SLE4466_0799 |
Security and Chip Card ICs Intelligent 512Bit Memory Chip From old datasheet system Securiy & Chip Card ICs
|
INFINEON[Infineon Technologies AG]
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
PE-0402CD680GTT PE-0402CD190GTT PE-0402CD120GTT PE |
1 ELEMENT, 0.068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.019 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0087 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.016 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.12 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.011 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.001 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.1 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.02 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.013 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.023 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.024 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0043 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT 1 ELEMENT, 0.0019 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0402, ROHS COMPLIANT
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
|