PART |
Description |
Maker |
B5213 B5213-3 B5213-28 |
100mA, Cap, Low Dropout Voltage Regulator Smallest SC70 3V 100mA low dropout voltage regulator 28V 100mA low dropout voltage regulator
|
BayLinear
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LTC1983-3 LTC1983ES6-5 LTYB LTC1983ES6-3 LTPC LTC1 |
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT 100mA Regulated Charge Pump Inverter in ThinSOT
|
LINER[Linear Technology]
|
LP2950ACN-3-3/TR LP2950ACN-L-3-3/TR LP2950CN-3-3/T |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 100mA Low Dropout Voltage Regulators 100mA Low Dropout Voltage Regulators
|
http:// Sipex Corporation
|
2SA640 2N5826 2N5828 2N4964 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 100MA I(C) | TO-106 晶体管|晶体管|进步党| 40V的五(巴西)总裁| 100mA的一(c)|106 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR|BJT|PNP|50VV(BR)CEO|50MAI(C)|TO-92
|
EPCOS AG
|
1N200AR |
SI RECTIFIER, I(O)/I(F) S 100MA
|
New Jersey Semi-Conductor Products, Inc.
|
SP6200EM5-1.5 SP6200EM5-1.5_TR SP6200EM5-1.8 SP620 |
Micropower, 100mA and 200mA CMOS LDO Regulators Micropower / 100mA and 200mA CMOS LDO Regulators TRIMMER, 25 TURN 1M
|
SIPEX[Sipex Corporation] http://
|
HT7533-1 HT7530-1 HT7544-1 HT7550-1 HT7536-1 |
100mA Voltage Regulator
|
holtek
|
|