PART |
Description |
Maker |
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
45912-0026 0459120026 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Power, Signal, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
TA8263BH TA8263 |
Max Power 43 W BTL 4 ch Audio Power IC Max Power 43 W BTL ??4 ch Audio Power IC Max Power 43 W BTL 】 4 ch Audio Power IC IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC Max Power 43 W BTL × 4 ch Audio Power IC Max Power 43 W BTL x 4 ch Audio Power IC
|
Toshiba Semiconductor
|
MAX5945CAX-T MAX5945CAXT |
Quad Network Power Controller for Power-Over-LAN 4-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO36
|
Maxim Integrated Products, Inc.
|
ATMEGA103-14 |
AVR ?High-performance and Low-power RISC Architecture Power Consumption when Using Slowly Rising Power Supply
|
ATMEL Corporation
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
FLS2100XS |
The FLS-XS series of general lighting power controllers includes highly integrated power switches for medium - to high-power lumens applications.
|
List of Unclassifed Man...
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|
2SD1745 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB0938 2SB0938A 2SB938 2SB938A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
|