PART |
Description |
Maker |
43178-4002 0431784002 |
Sabre?/a> Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged Sabre Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged
|
Molex Electronics Ltd.
|
08-50-0028 08-58-0105 08-58-0118 08-58-0187 08-50- |
KK 156 TERM CRP 18-20 AWG TRIFURCON TIN BRASS, TIN (200) OVER COPPER FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Solderless Terminal; Body Material:Brass; Contact Plating:Tin; Series:6838; Wire Size (AWG):20-18; External Depth:0.11"; Lead Pitch:3.96mm; Operating Temp. Min:0 C; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
CAT5122TPI-50-T10 CAT5120 CAT5120SBI-00-T CAT5120S |
16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface 16抽头2线接口MiniPot数字可编程电位器 16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface 16抽头线接口MiniPot数字可编程电位器 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 48-SSOP -40 to 85 Crimping Tool, Heavy-Duty, Lever-Type, 8 AWG, 6 AWG, 4 AWG, 2 AWG RoHS Compliant: NA 16-Tap MiniPot, Volatile MiniPot, Up/Down Interface 16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
|
Macronix International Co., Ltd. Electronic Theatre Controls, Inc. Bourns, Inc. CATALYST[Catalyst Semiconductor]
|
TL431ID TL431ACDT TL431C TL431I TL431ACZ TL431IZT- |
PROGRAMMABLE VOLTAGE REFERENCE PROGRAMMABLE VOLTAGE REFERENCE Tools, Dies; For Use With:22-12 AWG Wire Ferrules; Wire Size (AWG):22-12
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
0192150034 D-354 |
VersaKrimp Butt Splice for 8 AWG Wire VersaKrimp垄芒 Butt Splice for 8 AWG Wire
|
Molex Electronics Ltd.
|
0190990033 BB-2716-08XT BBCD20503 |
InsulKrimp Snap Spade for 16-14 AWG Wire InsulKrimp?/a> Snap Spade for 16-14 AWG Wire InsulKrimp垄芒 Snap Spade for 16-14 AWG Wire
|
Molex Electronics Ltd.
|
BB-218-38XT 0190700061 |
InsulKrimp Ring Tongue Terminal for 14-16 AWG Wire InsulKrimp垄芒 Ring Tongue Terminal for 14-16 AWG Wire
|
Molex Electronics Ltd.
|
BB-137-08T 0190690115 |
Krimptite?/a> Ring Tongue Terminal for 14-16 AWG Wire Krimptite垄芒 Ring Tongue Terminal for 14-16 AWG Wire
|
Molex Electronics Ltd.
|
BB-225-14XT |
InsulKrimp Ring Tongue Terminal for 14-16 AWG Wire InsulKrimp垄芒 Ring Tongue Terminal for 14-16 AWG Wire
|
Molex Electronics Ltd.
|
AA-8714-08 0191150012 |
Avikrimp Snap Spade Terminal for 18-22 AWG Wire Avikrimp垄芒 Snap Spade Terminal for 18-22 AWG Wire
|
Molex Electronics Ltd.
|
G-375-38 |
VersaKrimp Ring Tongue Terminal for 2 AWG Wire VersaKrimp垄芒 Ring Tongue Terminal for 2 AWG Wire
|
Molex Electronics Ltd.
|
0192000002 SD-19200-001 AS-845 |
Avikrimp Seamless Butt Splice for 18-22 AWG Wire Avikrimp垄芒 Seamless Butt Splice for 18-22 AWG Wire
|
Molex Electronics Ltd.
|