PART |
Description |
Maker |
NCP5217A |
Single Sync-Rect Step Down Controller
|
ON Semiconductor
|
NCP1422 |
Sync-Rect PFM Step-Up DC-DC Converter
|
ON Semiconductor
|
AS1122B-BQFT |
12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
|
austriamicrosystems AG
|
DRD3E DRD3G DRD3 DRD3B DRD3C |
DIODE 1N4002 RECTIFYING RECT, SILCN, 50V, DO-41 3.0A Reverse Blocking Thyristor
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
3059J-1-204MLF 3059J-1-105MLF |
TRIMMER-1 1/4" RECT MT CERMET RESISTOR, TRIMMER, CERMET, 22 TURN(S), 1 W, 200000 ohm TRIMMER-1 1/4" RECT MT CERMET RESISTOR, TRIMMER, CERMET, 22 TURN(S), 1 W, 1000000 ohm
|
Bourns, Inc.
|
NCP1423DMR2 |
200mA Sync-Rect PFM Step-Up DC-DC Converter with Ring-Killer From old datasheet system
|
on semi
|
MB4S-TP MB6S-TP |
IC RECT BRIDGE 0.5A 600V MBS-1 0.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
CRNA20-1000 |
DIODE RECT 1000V 20A ISO TO220AB 12.7 A, 1000 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Crydom, Inc.
|
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
MK4027J-2 MK4027J-3 MK4027N-2 MK4027N-3 MK4027-3 M |
4096x1-bit dynamic RAM, 120ns acces time. 320ns cycle. 4096 X 1 BIT DYNAMIC RAM 4096 × 1位动态随机存储器 LED YEL RECT MODULAR VERT From old datasheet system
|
Mostek Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
DG300A DG303A DG303AAK DG303ACY DG301A FN3119 DG30 |
From old datasheet system TTL-Compatible, CMOS Analog Switches TTL-Compatible / CMOS Analog Switches LED 2X5MM RECT RED/GRN DIFFBICLR
|
INTERSIL[Intersil Corporation]
|