PART |
Description |
Maker |
S1A0067X01 S1A0067X01-X0BO |
4.6W AUDIO POWER AMP 4.6W音频功率放大 Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:10A; Switch Terminals:Quick Connect; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator RoHS Compliant: Yes
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
DG3157DL-T1 DG3157DL-T1-E3 DG315708 |
2-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
|
Vishay Siliconix
|
KA5H0380 KA5X03XX03 KA5X03XX KA5H0365R KA5H0365RTU |
Fairchild Power Switch(FPS) 3A/650V 100KHz Power Switch 3A/800V 100KHz Power Switch 3A/800V 50KHz Power Switch 3A/800V 70KHz Power Switch 3A/650V 70KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BCDMOS,SIP,4PIN,PLASTIC
|
FAIRCHILD[Fairchild Semiconductor] http://
|
BT134W-500D BT134W-600D BT134WD BT134WSERIESD |
Pushbutton Switch; Illumination:Illuminated; Actuator Style:Square; Circuitry:SPDT; Switch Operation:On; Switch Terminals:Solder Lug; Contact Current Max:7A; Leaded Process Compatible:No; Mounting Type:Panel Triacs logic level
|
Philips Semiconductors
|
KA5M0165 KA5L0165R KA5L0165RN KA5L0165RTU KA5L0165 |
Fairchild Power Switch(FPS) 1A/650V 50KHz Power Switch 1A/650V 70KHz Power Switch 1A/650V 100KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BIPOLAR/MOS,DIP,8PIN,PLASTIC Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, PSFM4
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
HSMP-3890-TR1 HSMP-3890-TR2 HSMP-3892-TR1 HSMP-389 |
HSMP-389T · PIN switch diode HSMP-3890 · PIN switch diode HSMP-3892 · PIN switch diode HSMP-389E · PIN switch diode HSMP-3893 · PIN switch diode HSMP-489B · Low inductance PIN switch diode HSMP-4890 · Low inductance PIN switch diode Surface Mount RF PIN Switch Diodes
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
1241.2858 |
Vandal Resistant Pushbutton Switch; Actuator Diameter:14mm; Circuitry:SPST-NO; Switch Operation:Momentary; Contact Current Max:125mA; Leaded Process Compatible:Yes; Mounting Type: PCB; Switch Function:SPST-NO; External Width:21.5mm
|
SCHURTER INC
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
CXG1174UR |
Hight Frequency Switch High Power SP3T Switch with Logic Control
|
Sony Corporation
|