PART |
Description |
Maker |
ZXRE125 ZXRE125FR ZXRE125CF ZXRE125DF ZXRE125DN8 Z |
Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:21; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No
|
Analog Devices, Inc. Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
UZRA245R02STOB UZRA245R01STOB UZRA245Y01STOB UZRA2 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.45 V, PSIP3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.45 V, PSIP2 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.45 V, PDSO8
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC
|
TCN4040EOA4.1723 TCN4040ECB4.1713 TCN4041EZB1.2713 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.2 V, PBCY3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3
|
|
AP431AYL-B AP431A-B |
1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, SSO3 ROHS COMPLIANT, SOT89, 3 PIN 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO8
|
Cypress Semiconductor, Corp. DIODES INC
|
TL431BVLPRAG TL431AIDMR2G |
Programmable Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 Adjustable 2.5-36V /- 1% Tolerance 1-100mA Shunt Regulator - PB Free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO8
|
Rectron Semiconductor
|
XTM405T360P0C XTV606T180P4L XTV306T360P4L |
CAP 4UF 360VDC -15% TO 50% 16.662 X 45.237MM SLDR LUG - Bulk CAP 60UF 180VDC -15% TO 50% 28.575 X 24.79MM SCRW TERM - Bulk CAP 30UF 360VDC -15% TO 50% 28.575 X 43.307MM SCRW TERM - Bulk
|
Vishay Sprague
|
PV18-6R-CY PV18-6R-MY PV18-4R-CY PV18-4R-MY PV18-8 |
22-18 BARREL FUNNELED VINYL INSULATED RING TONGUE, .150(3.81) MAX WIRE INSULATION DIAMETER TERM RING VNYL INS ROHS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#8; Insulator Color:Red; Mounting Hole Dia:.17"; Overall Length:0.91"; Overall Width:0.31"; Pack Quantity:1000; Stud/Tab Size:#8 RING TERMINAL
|
PANDUIT CORP. Panduit, Corp.
|
ZRA124A01STOB ZRA124R01STOB ZRA124Y01STOB |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PSIP3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PSIP2
|
Diodes, Inc. Zetex Semiconductor PLC
|
TL431-AF5-R TL431K-T92-K TL431-AE2-R UNISONICTECHN |
PROGRAMMABLE PRECISION REFERENCE 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO5 PROGRAMMABLE PRECISION REFERENCE 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO3
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
08-50-0028 08-58-0105 08-58-0118 08-58-0187 08-50- |
KK 156 TERM CRP 18-20 AWG TRIFURCON TIN BRASS, TIN (200) OVER COPPER FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Solderless Terminal; Body Material:Brass; Contact Plating:Tin; Series:6838; Wire Size (AWG):20-18; External Depth:0.11"; Lead Pitch:3.96mm; Operating Temp. Min:0 C; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
B-S-137-06T SD-19203-029 0192030048 |
Krimptite?/a> Temp-Term Ring Tongue Terminal Krimptite Temp-Term Ring Tongue Terminal Krimptite垄芒 Temp-Term Ring Tongue Terminal
|
Molex Electronics Ltd.
|