PART |
Description |
Maker |
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
BZY91C9V1R BZY91 BZY91C10 BZY91C10R BZY91C11 BZY91 |
Standard Recovery Rectifier; Forward Current:150A; Forward Current Avg Rectified, IF(AV):150A; Forward Surge Current Max, Ifsm:3000A; Package/Case:DO-8 (Reverse); Repetitive Reverse Voltage Max, Vrrm:1400V; Current, It av:150A RoHS Compliant: Yes Zeners/Studs 齐纳基准螺栓
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
DLM10B DLM10C DLM10E DLM10 |
1.0A Ultrahigh-Speed Rectifier LED Bulb Replacement; Color:Cold White; Lens Color:Clear; Luminous Intensity (MSCP):14000; Voltage Rating:12VDC; Forward Current:20mA; Forward
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
X100FF5 X100FF3 X150FF3 X150FF5 |
15000 V rectifier 50-420mA forward current,50 ns recovery time 10000 V rectifier 50-420mA forward current,50 ns recovery time 2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
|
Voltage Multipliers List of Unclassifed Manufacturers
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
HD614121S HD614146S |
Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:45V; Package/Case:TO-220; Current Rating:10A; Forward Current:20A; Forward Voltage:0.84V; Mounting Type:Through Hole; Terminal Type:Radial Leaded CMOS 4bit single-chip microcomputers 的CMOS 4位单片机
|
Hitachi,Ltd. TOKO, Inc.
|
STEL-1176/MC |
Sidac Thyristor; Thyristor Type:Sidac; Current, It av:10uA; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA; Mounting Type:Through Hole; On State Saturation Voltage:1.5V; Package/Case:DO-214 RoHS Compliant: Yes 数字控制振荡
|
KOA Speer Electronics, Inc.
|