PART |
Description |
Maker |
RL207-TP RL206-TP RL205-TP RL202-TP |
DIODE STD REC 2A 1000V DO15 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 800V DO15 2 A, 800 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 600V DO15 2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 100V DO15 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp.
|
35725-3700 35725-3710 |
.250 SLIP ON REC. Q.CONN 357253700 BRASS, PUSH-ON TERMINAL .250 slip on rec tin BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
5013001539 501330-0739 501330-0639 501330-1000 501 |
1.0 WIRE TO BOARD CONN. 1-ROW RECEPACLE HOUSING 6-15CKT. 1.0 W/B 1-Row Rec Hsg 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, RECEPTACLE
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
87263-4223 87263-0893 87263-1025 87263-1095 87263- |
MGrid B/E Rec SMT W/Pg .38AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E SMT W/Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E W/Cap T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
CPW2-0650-S006B |
Z-Rec? Rectifier
|
Wolfspeed
|
BA5104A |
Switchless REC/PB Amplifier
|
Rohm
|
71430-5006 71430-0016 71430-5009 71430-9268 |
VHDCI 0.8MM RA Rec W/Screwlocks 68Ckt 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER VHDCI 0.8MM RA Rec W/Screwlocks 68Ckt 68 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE VHDCI .8MM RA Rec W/Screwlocks 68Ckt 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER VHDCI .8mm RA Rec 68Ckt 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER
|
Molex, Inc.
|
UPC1290C |
REC / PB Audio Head Switch
|
NEC Electronics
|
1N5408-TP |
DIODE STD REC 3A 1000V DO201AD
|
MICRO COMMERCIAL COMPONENTS
|
|