PART |
Description |
Maker |
19073-0085 19073-0096 19073-0094 19073-0087 19073- |
CONN RING TERM #8 14-16AWG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (BB-839-08T) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (BB-839-08) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL #10 RING TERMINAL 100/PKG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL BB-837-06T RING AVIKRIMP TAPED 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex, Inc.
|
PNF10-10R PNF10-38R PNF10-10R-L PNF10-56R PNF10-14 |
12-10 NYLON INSULATED FUNNELED WIRE ENTRY RING TONGUE, .225(5.72) MAX, WIRE INSULATION DIAMETER Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Stud Size:#10; Insulator Color:Yellow; Terminal Insulation:Nylon; Pack Quantity:50 RoHS Compliant: Yes BRASS, TIN FINISH, RING TERMINAL
|
PANDUIT CORP. Panduit, Corp.
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
P2-14R-X P12-38HDR-L |
Heavy duty ring tongue, 16-12 American wire gauge, 600 V, copper, tin plating, 1.04 in. length, barrel type, non insulated COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
0190540093 B-228-08HDXT 190540093 |
InsulKrimp Ring Tongue Terminal for 14-16 AWG InsulKrimp?/a> Ring Tongue Terminal for 14-16 AWG InsulKrimp垄芒 Ring Tongue Terminal for 14-16 AWG MOLEX Connector
|
Molex Electronics Ltd.
|
SD-19318-001 |
VersaKrimp SL Ring Type Connectors VersaKrimp垄芒 SL Ring Type Connectors
|
Molex Electronics Ltd.
|
SB-225-14T 0191640308 SD-19164-026 |
Perma-Seal Ring Tongue Terminal Perma-Seal垄芒 Ring Tongue Terminal
|
Molex Electronics Ltd.
|
BS009VITON BS211VITON BS114VITON |
O RING VITON INNEN 7/32 ZOLL Inhalt pro Packung: 50 Stk. O RING VITON INNEN 13/16 ZOLL Inhalt pro Packung: 50 Stk. O型圈氟胶INNEN 13/16措尔Inhalt亲Packung0沙头角 Fast Recovery Glass Passivated Rectifier Diodes
|
Vectron International, Inc.
|
C-830-10 0190730179 |
Avikrimp Ring Tongue Terminal for 10 to 12 AWG Wire Avikrimp垄芒 Ring Tongue Terminal for 10 to 12 AWG Wire
|
Molex Electronics Ltd.
|
D-656-06X 0190710176 |
InsulKrimp?/a> Ring Tongue Terminal for 8 AWG Wire InsulKrimp垄芒 Ring Tongue Terminal for 8 AWG Wire
|
Molex Electronics Ltd.
|
|