PART |
Description |
Maker |
KSE45H8J69Z |
10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN
|
Fairchild Semiconductor, Corp.
|
STB6NC80 STB6NC80Z STB6NC80Z-1 STP6NC80ZFP STP6NC8 |
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 1.5ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET 5.4 A, 800 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
意法半导 STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
IRF730 3009 |
N-Channel 400V-0.75惟-5.5A - TO-220 PowerMESHTM MOSFET(N娌?????MOSFET) N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET From old datasheet system N - CHANNEL 400V - 0.75 - 5.5A - TO-220 PowerMESH TM MOSFET N-Channel 400V-0.75Ω-5.5A - TO-220 PowerMESHTM MOSFET(N沟道功率MOSFET) N沟道400V -0.75Ω- 5.5A -20 PowerMESHTM MOSFET的(不适用沟道功率MOSFET的)
|
??????浣? 意法半导 STMicroelectronics N.V.
|
STP3NB100 STP3NB100FP 6249 |
N-Channel 1000V-5.3Ω-3A- TO-220/TO-220FP PowerMESH MOSFET(N沟道MOSFET) N沟道1000V -5.3Ω- 3A条,TO-220/TO-220FP PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET From old datasheet system
|
Bel Fuse, Inc. STMICROELECTRONICS[STMicroelectronics]
|
STP100NF03L-03 STB100NF03L-03 STB100NF03L-03-01 ST |
N-CHANNEL 30V - 0.0026 W -100A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N沟道30V 0.0026欧姆- 100号A D2PAK/I2PAK/TO-220 STRIPFET二功率MOSFET N沟道30V 0.0026的W - 100号A?巴基斯我?PAK/TO-220 STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STGP7NB60FD STGB7NB60FD STGB7NB60FDT4 |
N-CHANNEL 7A 600V TO-220/D2PAK POWERMESH IGBT N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT N沟道A - 600V 220 / D2PAK封装PowerMESHIGBT (STGP7NB60FD / STGB7NB60FD) N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT 14 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
STB140NF55 STP140NF55 STB140NF55T4 STB140NF55-1 |
N-CHANNEL 55V - 0.0065& - 80A TO-220/DPAK STripFET II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET N沟道55V 0.0065欧姆- 80A条TO-220/D2PAK STripFET二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STP8NC60 STP8NC60FP |
N - CHANNEL POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh⑩II MOSFET N沟道600V 0.85ohm -A TO-220/TO-220FP PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP POWERMESH II MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
TFP-MHP35LF-30R0-F-L04 TFP-MHP50LF-20K0-F-L04 TFP- |
RESISTOR, 2.25 W, 1 %, 30 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 20000 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 20000 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 12000 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 200 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 1200 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 22 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 12 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 20 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 220 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 22000 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 12000 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 1200 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 220 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 1 %, 200 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 12 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 22000 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT RESISTOR, 2.25 W, 5 %, 120 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT
|
IRC Advanced Film
|
|