PART |
Description |
Maker |
CY27020SXC |
PREMIS(TM):SSCG EMI Reduction; Voltage(V): 2.5/3.3 V; Input Frequency Range: 48 MHz to 48 MHz; Output Frequency Range: 48 MHz to 48 MHz; Operating Range: 0 to 70 C; Package: SOIC 48 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor, Corp.
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
T3441N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
PIC16LFR63-16I/SO PIC16FR62A16I/SO PIC16FR63-16I/S |
Serial 12-Bit Multiplying DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual, Matched Precision Operational Amplifier; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Precision Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Thermocouple Cold Junction Compensator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Microcontroller 微控制器 Micropower Voltage Reference; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器
|
Sumida, Corp. Lattice Semiconductor, Corp. NXP Semiconductors N.V. Microchip Technology, Inc.
|
RT9266 RT9266CE |
Tiny Package, High Efficiency, Step-up DC/DC Converter Input Volt. Range(V) = 1~6.5 ;; Output Volt. Range(V) = Adjustable ;;
|
RICHTEK
|
TG110-E050N5 TG110-E055N5 TG110-E120N5 TG110-E125N |
Extended Temperature Range, E-Ultra?/a> 10/100BASE-TX SOIC-16 Magnetic Modules Extended Temperature Range, E-Ultra⑩ 10/100BASE-TX SOIC-16 Magnetic Modules Extended Temperature Range, E-Ultra 10/100BASE-TX SOIC-16 Magnetic Modules Extended Temperature Range/ E-Ultra 10/100BASE-TX SOIC-16 Magnetic Modules DIODE ZENER DUAL ISOLATED 200mW 16Vz 7.8mA-Izt 0.05 0.1uA-Ir 12 SOT-363 3K/REEL Extended Temperature Range, E-Ultra10/100BASE-TX SOIC-16 Magnetic Modules
|
List of Unclassifed Manufacturers ETC[ETC] N.A. Electronic Theatre Controls, Inc.
|
M64886FP REJ03F0087-0100Z |
ASSP>Short-Range Wireless Communication>Short-Range Wireless Communication ICs RF Transceiver for Short-range Wireless From old datasheet system
|
RENESAS[Renesas Electronics Corporation]
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
AM21L41-15DCB AM21L41-15PCB AM21L41-20DCB AM21L41- |
250µA, 3MHz, 200V/µsOperational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifier; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 12MHz, 400V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Power Synchronous DC/DC Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x1的SRAM
|
RECOM Electronic GmbH
|
EHA2-2602/883B EHA7-2602-2 EHA7-2602/883B EHA7-262 |
39µA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps; Temperature Range: Full-Range; Package: 6-SOT-23 T&R Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp; Temperature Range: Full-Range Ind; Package: 10-uTQFN T&R Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
TE Connectivity, Ltd.
|
LTC4401-1 LTC4401-1ES6 LTC4401-2 LTC4401-2EMS8 LTC |
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SPECIALTY TELECOM CIRCUIT, PDSO6
|
Linear Technology, Corp.
|
AFL5005DW-CH AFL5005DW-ES AFL5005DW-HB AFL5005DX-C |
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Hi-Rel DC-DC Standard Single Converter in a AFL package Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual Serial 12-Bit Multiplying DAC; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Triple Supply Monitor for PCI Applications; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DC至DC转换 DC to DC Converter DC至DC转换 Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C DC至DC转换 SIM Power Supplyand Level Translator DC至DC转换
|
http:// IRF[International Rectifier] HIROSE ELECTRIC Co., Ltd. International Rectifier, Corp. Amphenol, Corp.
|