PART |
Description |
Maker |
BFG25AW BFG25AW_X BFG25AW/X BFG25X |
NPN 5 GHz wideband transistors C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 5GHz wideband transistor(NPN 5G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
SDT13204 SDT1617 SDT1618 SDT1621 SDT1622 SDT1623 S |
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 10A I(C) | TO-210AC
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 125V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 10A I(C) | TO-39 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 550V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-3 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 40V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一c)|11 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 10A条一(c)|10AC TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 50V五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管|叩| 400V五(巴西)总裁| 10A条一(c)|10AC
|
Serpac Electronic Enclosures Atmel, Corp. AUK, Corp.
|
2N6724 2N6725 2N6724STOA 2N6724STOB 2N6724STZ |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Darlington Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2N1890 JAN2N1890S JAN2N1711S JANTX2N1711 |
NPN LOW POWER SILICON TRANSISTOR NPN Transistor 500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|