PART |
Description |
Maker |
MBRB20200CT MBRB20200CT_D ON0434 MBRB20200CTT4 |
10 A, 200 V, SILICON, RECTIFIER DIODE CAP 0.01UF 50V 10% X7R SMD-0805 T&R-7IN-PA NI-SN CAP 0.01UF 50V 10% X7R SMD-0805 T&R-7IN-PA NI-SN SWIRCHMODE⑩ Power Dual Schottky Rectifier From old datasheet system 20 AMPERES 200 VOLTS SWIRCHMODE Power Dual Schottky Rectifier SWIRCHMODE?/a> Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola, Inc. MOTOROLA[Motorola, Inc] ON Semi
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
MBR25H35CT10 MBRB25H45CT-E3/81 MBRB25H45CT-HE3/45 |
Dual Common-Cathode Schottky Rectifier 15 A, 45 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
VFT2080C-M3-4W VFT2080C-M3/4W |
Dual Trench MOS Barrier Schottky Rectifier 10 A, 80 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
SS8P3CHM3/86A SS8P3C11 SS8P4CHM3-86A SS8P4CHM3-87A |
4 A, 30 V, SILICON, RECTIFIER DIODE, TO-277A HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMPC, 3 PIN High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
|
Vishay Beyschlag Vishay Siliconix
|
1N7039CCT1E3 |
Dual Schottky Rectifier
|
Microsemi
|
SB660FCT SB620FCT SB630FCT SB640FCT SB650FCT |
6.0A DUAL SCHOTTKY BARRIER RECTIFIER
|
WTE[Won-Top Electronics]
|
SD241HR2 SD241-1 |
Dual Power Schottky Rectifier
|
MICROSEMI[Microsemi Corporation]
|
MBR10120FCT |
DUAL SCHOTTKY BARRIER RECTIFIER
|
Power Silicon
|