Part Number Hot Search : 
ZSM560 2H504 D1FJ4 E713715 TA0506A 6R400 SR504 P10N60
Product Description
Full Text Search

ZXMP6A17E6TA -    60V P-CHANNEL ENHANCEMENT MODE MOSFET

ZXMP6A17E6TA_8879040.PDF Datasheet

 
Part No. ZXMP6A17E6TA
Description    60V P-CHANNEL ENHANCEMENT MODE MOSFET

File Size 661.82K  /  8 Page  

Maker


Diodes Incorporated



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: ZXMP6A17GTA
Maker: ZETEX
Pack: SOT-22..
Stock: Reserved
Unit price for :
    50: $0.33
  100: $0.31
1000: $0.29

Email: oulindz@gmail.com

Contact us

Homepage http://www.diodes.com/
Download [ ]
[ ZXMP6A17E6TA Datasheet PDF Downlaod from Datasheet.HK ]
[ZXMP6A17E6TA Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for ZXMP6A17E6TA ]

[ Price & Availability of ZXMP6A17E6TA by FindChips.com ]

 Full text search :    60V P-CHANNEL ENHANCEMENT MODE MOSFET


 Related Part Number
PART Description Maker
2SK3524    N-CHANNE SILLCON POWER MOSFET
N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
Fuji Electric
Electronic Theatre Controls, Inc.
CE2766 6-Channe Audio DAC
CEI
FCB20N60F12 600V N-Channe MOSFET 600V, 20A, 190mΩ
Fairchild Semiconductor
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- 46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
48 A, 60 V, 0.023 ohm, N-CHANNE
81 A, 60 V, 0.012 ohm, N-CHANNE
27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
Bourns, Inc.
VISHAY INTERTECHNOLOGY INC
NIMD6302R2 HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET
HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
ONSEMI[ON Semiconductor]
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe
Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM.
Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM.
Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
Atmel
 
 Related keyword From Full Text Search System
ZXMP6A17E6TA Purpose ZXMP6A17E6TA cost ZXMP6A17E6TA price ZXMP6A17E6TA 资料网站 ZXMP6A17E6TA Transistors
ZXMP6A17E6TA maker ZXMP6A17E6TA 替换的 ZXMP6A17E6TA Specification ZXMP6A17E6TA quad ZXMP6A17E6TA cost
 

 

Price & Availability of ZXMP6A17E6TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56953096389771