PART |
Description |
Maker |
PIC10F206T-I/OTGVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F1934T-I/PTVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F727-I/PTHP1 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F18346-I/GZC01 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F1517T-I/PTVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC12F635-I/SNV04 PIC16F636-I/SLGVAO PIC16F636T-I/ |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F1939-I/PTVAO PIC16F1939T-I/PTVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F14K22 PIC18F14K22-E/ML PIC18F14K22-E/MLVAO P |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F2420-I/SOC01 PIC18F2520-I/SOC01 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F86J72-I/PT |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16C505-04E/JW PIC16LC505-04/SLXXX PIC16LC505-04 |
8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP14 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|14PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 14PIN |塑料 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|14PIN|CERAMIC 单片机| 8位|知情同意的CPU |的CMOS |双酯| 14PIN |陶瓷 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|14PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |双酯| 14PIN |塑料 单片机| 8位|知情同意CPU |CMOS |双酯| 14PIN |陶瓷
|
Raltron Electronics, Corp. Vicor, Corp. Microchip Technology, Inc.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|