PART |
Description |
Maker |
2SC5590 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY COLOR TV FOR MULTI .MEDIA & HDTV HIG
|
TOSHIBA
|
X9119TV14-2.7T1 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL CORP
|
LT1363CS8TRPBF |
70MHz, 1000V/µs Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
SL6521CB-T |
PWM Buck DC/DC and Triple Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R
|
INTERSIL CORP
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
EL7900ILCZ-EVALZ EL7900ILCZ-T13 |
Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 5-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO5
|
Intersil, Corp. Intersil Corporation
|
ICL766005 ICL7660CBAZ ICL7660CBAZA ICL7660CPAZ ICL |
CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDSO8 Simple Conversion of 5V Logic Supply to ±5V Supplies
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MC74LCX16244DTR2 MC74LCX16244DTG |
Low−Voltage CMOS 16−Bit Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
ON Semiconductor
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|
ISL29006IROZ-EVALZ ISL29007IROZ-EVALZ ISL29008IROZ |
Small, Low Power, Current-Output Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
ISL29013IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|