PART |
Description |
Maker |
LTC1699EGN-80 LTC1699EGN-82 LTC1699EGN-81 LTC1699E |
Analog IC SMBus VID Voltage Programmers(SMBus接口 VID电压编程 SMBus VID Voltage Programmers(SMBus 接口VID电压编程
|
Linear Technology Corporation
|
MAX664209 MAX6642ATT90-T MAX6642ATT92-T MAX6642ATT |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 隆戮1隆?C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 卤1掳C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
AD7415 AD7414ART-0500RL7 AD7414ART-0REEL |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C 温度变送器/传感 SMBus/I2C Digital Temperature Sensor in 6-Pin Sot With Smbus Alert And Over Temperature Pin
|
Analog Devices, Inc. AD
|
CAT9534HV4I-G CAT9534HV4I-GT2 CAT9534WI-G CAT9534W |
8-bit I2C and SMBus I/O Port with Interrupt 8-bit I漏梅C and SMBus I/O Port with Interrupt
|
ON Semiconductor
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
LTC1393 LTC1393C LTC1393CGN LTC1393CS LTC1393I LTC |
Octal Buffers/Drivers With Open-Collector Outputs 20-SOIC 0 to 70 Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface Single-Ended 8-Channel/Differential 4-Channel Analog Multiplexer with SMBus Interface From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology] ce
|
LTC1427-50 LTC1427CS8-50 14275 |
From old datasheet system Micropower, 10-Bit Current Output DAC with SMBus Serial Interface Micropower/ 10-Bit Current Output DAC with SMBus Serial Interface
|
LINER[Linear Technology]
|
AN113 |
SERIAL COMMUNICATION WITH THE SMBUS
|
Silicon Laboratories
|
EMCT03_05 EMCT03 EMCT03-ACZB EMCT03-ACZB-TR EMCT03 |
1∑C Triple SMBus Temperature Sensor 1°C Triple SMBus Temperature Sensor
|
SMSC[SMSC Corporation]
|
DBC98C51 98C51 |
SMBus Device Bay Controller
|
ETC[ETC]
|
DBC98C51 |
SMBus Device Bay Controller
|
Standard Microsystems
|
LTC1695 |
SMBus/IC Fan SpeedController in SOT-23
|
Linear Technology
|