PART |
Description |
Maker |
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
IS24C02A-2GLI IS24C02A IS24C16A-3ZLA3 IS24C02A-2DL |
1K-BIT/2K-BIT/4K-BIT/8K-BIT/16K-BIT 2-WIRE SERIAL CMOS EEPROM
|
ISSI[Integrated Silicon Solution, Inc]
|
PI3B16233 PI3B16233V PI3B16233AE PI3B16233A PI3B16 |
3.3V, 16-BIT TO 32-BIT FET 3.3V/ 16-Bit to 32-Bit FET 3.3V 16-Bit to 32-Bit FET RELAY SSR SPST 400VAC 120MA 6SMT
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
TC9WMB2FK TC9WMB1FK |
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
|
TOSHIBA[Toshiba Semiconductor]
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
MC6800 MC6800CL MC6800CP MC6800CS MC6800L MC6800P |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS 8-BIT MICROPROCESSING UNIT (MPU)
|
MOTOROLA[Motorola, Inc]
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|