PART |
Description |
Maker |
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
IRL3705Z IRL3705ZL IRL3705ZS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|
IRLU9343-701 IRLR9343 IRLU9343 |
-55V Single P-Channel HEXFET Power MOSFET in a D-Pak package -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET DIODE MED-FAST BAS116 80VR 250MA 1.25VF@150MA 1.5US TO-236AB -55 150C 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFZ34NL IRFZ34NS IRFZ34NSTRL IRFZ34NSTRR |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp.
|
AM29F017B-90E4I AM29F017B-75FC AM29F017B-75EI AM29 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24N with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ44NS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7832 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3709ZS with Lead Free Packaging
|
YEONHO Electronics Co., Ltd.
|
IRFU4105Z IRFR4105Z |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A) 功率MOSFET(讥\u003d 55V的,的Rds(on)\u003d 24.5mohm,身份证\u003d 30A条) Power MOSFET(Vds=55V / Rds(on)=24.5mohm / Id=30A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF9Z34NL IRF9Z34NS IRF9Z34NSTRL IRF9Z34NSTRR |
Power MOSFET(Vdss=-55V/ Rds(on)=0.10ohm/ Id=-19A) Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A) -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
PT510 PT501 PT510A PT501C PT510C PT501A PT501B |
PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | CAN-4.7 光电晶体管|叩| 800NM峰值波长|的CAN - 4.7 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2405 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL33N15D with Lead Free Packaging such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6610 with Standard Tape and Reel 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Standard Packaging TO-18 Type Narrow Acceptance Phototransistor
|
Sharp Electrionic Components
|
IRFZ24N IRFZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
|
IRF[International Rectifier]
|
IRFZ44Z IRFZ44ZL IRFZ44ZS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
|
IRF[International Rectifier]
|